データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 7 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 7 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 3Page - PANDUIT CORP. PCV-FA Datasheet HTML 4Page - PANDUIT CORP. PCV-FA Datasheet HTML 5Page - PANDUIT CORP. PCV-FA Datasheet HTML 6Page - PANDUIT CORP. PCV-FA Datasheet HTML 7Page - PANDUIT CORP. PCV-FA Datasheet HTML 8Page - PANDUIT CORP. PCV-FA Datasheet HTML 9Page - PANDUIT CORP. PCV-FA Datasheet HTML 10Page - PANDUIT CORP. PCV-FA Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
5
Stock Sign Materials
Choose the Right Stock Material
Your facility signs are used indoors and outdoors, in ordinary conditions or extreme.
We offer materials to match your needs. Select a material based upon your application
requirements to ensure your message is conveyed clearly and effectively.
Every sign we make is American-made and skillfully crafted with quality in mind. Our stock signs are
available in a variety of materials and printed with technologically advanced inks. With many materials
featuring no-hassle extended guarantees, your printed sign will continue to notify and alert employees for
years. For additional information, please give us a call.
Adhesive
Vinyl (PVS)
Stick with adhesive vinyl for light-duty
applications. The ideal choice for a
variety of indoor, and sheltered outdoor,
marking needs. Easily mounts to all
curved areas such as pipes, poles and
secondary containers.
Material Features
• 0.004" thick printed matte surface
• Permanent acrylic adhesive
• Moisture-resistant
• Service temperature range: -20° to 176°F
• Square corners and scored backing for quick peel-off and application
• Durability: 2 years outdoors
Applications
• Adheres to most surfaces
• Indoor usage
• Light-duty application
• Sheltered outdoor locations
Polyethylene
Plastic (PRS)
Appropriate for everyday medium-duty
marking needs. Semi-flexible, economical
design with 50% recycled content is
ideal for indoor and sheltered
outdoor environments.
Material Features
• 0.055" thick with good impact resistance
and surface image with non-glare finish
• Manufactured with 50% recycled plastic
and is recyclable
• Ideal for flat surfaces, with enough flex
to mount on slightly curved areas
• Contains UV inhibitors
• Service temperature range: -90° to 168°F
• Rounded corners and 0.1875" mounting holes
• Durability: 2 years outdoors
Applications
• Indoor usage
• Medium-duty marking needs
• Sheltered outdoor locations
• Ideal for low-cost informational usage
MADE FROM
RECYCLED
MATERIAL
L
50%
Polyester
Laminated Vinyl
(PLVS)
Dual-layered polyester laminated
vinyl delivers exceptional flexibility
and performance. Durability, even
in the toughest indoor and
outdoor conditions.
Material Features
• 0.006" thick poly-composite
with UV protective coating
• Sub-surface image is protected
by high-gloss polyester film from
water, chemicals and abrasion
• Permanent acrylic adhesive backing
• Service temperature range: -20° to 176°F
• Round corners without holes; scored backing for
quick peel-off and application
• Durability: 5 years outdoors
Applications
• Indoor and outdoor usage
• Adheres to most surfaces
• Excellent in harsh environments
Protective Coating
Printed Message
0.006" Vinyl
Peel-Off Liner
Aluminum (PAS)
Get the strength of metal,
without the rust. Aluminum has
superior abrasion and chemical
resistance for indoor and
outdoor environments.
Material Features
• Printed image on rigid 0.040"
aluminum sheet
• UV protective coating
• Service temperature range:
-40° to 250°F
• Withstands splashes
and washdowns
• Endures outdoor
environmental conditions
• Rounded corners and 0.1875" mounting holes on most sizes,
will be adjusted for larger sizes
• Durability: 5 years outdoors
Applications
• Indoor and outdoor usage
• Excellent for harsh environments
• Ideal for longer-term marking needs
Protective Coating
0.040" Thick Aluminum
Printed Message
What is my sign printed
on and will it last?
Along with looking great, your sign should last as long
as it’s needed. The material depends on where your
sign is going to be displayed. For indoor, choose
light-duty materials; for harsh environments and
long-term/extended outdoor exposure, choose from
our selection of durable materials listed below.
0.055" Thick Polyethylene
Printed Message
0.004" Vinyl
Printed Message
Peel-off liner
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com