データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 71 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 71 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 67Page - PANDUIT CORP. PCV-FA Datasheet HTML 68Page - PANDUIT CORP. PCV-FA Datasheet HTML 69Page - PANDUIT CORP. PCV-FA Datasheet HTML 70Page - PANDUIT CORP. PCV-FA Datasheet HTML 71Page - PANDUIT CORP. PCV-FA Datasheet HTML 72Page - PANDUIT CORP. PCV-FA Datasheet HTML 73Page - PANDUIT CORP. PCV-FA Datasheet HTML 74Page - PANDUIT CORP. PCV-FA Datasheet HTML 75Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
69
Switch & Plug | Lockout / Tagout
Universal Wall Switch Cover
Flip the switch, flip the lockout.
• Dual use - works on both rocker/toggle and flat paddle switches
• Attaches to existing switch plate screw(s)
• Fully encloses entire switch
• Cover folds down to block screws and switch access
• Secure with a padlock (sold separately)
• Measures 4 1/2"H x 1 5/8"W x 7/8"D
• Unique design reduces error – applies only in
direction of desired lockout position – on or off
Switch locked in
up position.
Part No.
UOM
PSL-1015
Each
Toggle-Switch Cover
Prevent access to a toggle switch, yet still see its position.
Quick and easy to install, tough lockout includes clear, industrial strength
3M™ VHB™ tape for secure adhesion*.
• Fits over toggle, button, or knob switch
• The top half can be removed and stored when not in use
• Clear polycarbonate maintains visibility of the switch position and doesn’t disrupt
existing decals, markings, or messages
• 3 1/2" x 1 1/2" base which covers up to 3/4" x 1"H switch area
• Secures with a padlock (sold separately)
• Octagon shape reinforces lockout status
and conveys STOP
* For best adhesion, ideal bond time is 24 to
72 hours prior to lockout application.
Part No.
UOM
PSL-1001
Each
Push Button Cover
Prevent accidental startups of push / pull operation buttons,
such as emergency stop buttons.
• Consists of one semi-permanent aluminum ring and a clear polycarbonate top
• Semi-removable design allows for easy storage
• Clear top allows user to see push button
• Tough polycarbonate cover and aluminum ring make it tamper- and
impact-resistant, as well as extremely durable
• Overall dimensions are 2 1/8"H x 2"W x 2 1/2"L
• Available in two sizes to fit over 22.5 and 30mm diameter buttons
• Additional new aluminum rings available
• Octagon shape reinforces lockout status and conveys STOP
• Secures with a padlock (sold separately)
Part No.
Description
UOM
PSL-1003
Push Button Cover with 22.5mm base
Each
PSL-1004
Push Button Cover with 30mm base
PSL-1005
Additional 22.5mm metal ring only
PSL-1002
Additional 30mm metal ring only
Toggle Switch Cover Device
Part No.
UOM
PSL-WS
Each
• Compact secure design fits most toggle switches and some small circuit breakers
• Easily attached without removal of faceplate or screws
• Accommodates switches
0.45 – 0.78 inches tall x
0.25 – 0.38 inches x
0.25 – 0.40 inches thick
• Constructed of rugged nylon and stainless steel providing strength, durability,
added security and corrosion resistance
VHB™ is a trademark of 3M™
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com