データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 72 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 72 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 68Page - PANDUIT CORP. PCV-FA Datasheet HTML 69Page - PANDUIT CORP. PCV-FA Datasheet HTML 70Page - PANDUIT CORP. PCV-FA Datasheet HTML 71Page - PANDUIT CORP. PCV-FA Datasheet HTML 72Page - PANDUIT CORP. PCV-FA Datasheet HTML 73Page - PANDUIT CORP. PCV-FA Datasheet HTML 74Page - PANDUIT CORP. PCV-FA Datasheet HTML 75Page - PANDUIT CORP. PCV-FA Datasheet HTML 76Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
70
Lockout / Tagout | Switch & Plug
AC Plug End Lockout Device
Part No.
Description
Std. Pkg.
Qty.
Std. Ctn.
Qty.
PSL-P
Plug Lockout
1
10
• Individual plugs in a wide range of sizes can be locked out to prevent energization
• Accommodates padlocks with shackle lengths of 1.50 inches or greater and plugs
with a hole in a blade
• Constructed of rugged polycarbonate providing strength, durability, added security,
and corrosion resistance
Corded AC Plug Cover Lockout Devices
• Insert plugs, close cover, and secure with padlock and tag (sold seperately)
• Individual corded plugs in a wide range of sizes can be locked out
to prevent energization
• Constructed of rugged polypropylene providing strength, durability,
and added security
Part No.
Description
Std. Pkg.
Qty.
Std. Ctn.
Qty.
PSL-CL110
Lockout fits 120 VAC corded plug,
2.0" x 2.0" x 3.5" inside dimensions
1
10
PSL-CL480
Lockout fits 240 – 480 VAC corded plug,
3.25" x 3.25" x 6.50" inside dimensions
Receptacle Blockout Device
Part No.
Part Description
Std. Pkg.
Qty.
Std. Ctn.
Qty.
PSL-ERB
Blockout for 120 V electrical receptacle
1
25
• Blocks out receptacles to prevent equipment damage from overloading circuits or
electrical interference
• Accommodates industrial electrical receptacles with two or three blades
Global Plug Lockout Device
Part No.
Part Description
Std. Pkg.
Qty.
Std. Ctn.
Qty.
PSL-PI
Global plug lockout for 220 – 240 Volt AC/
Industrial Plugs
1
10
• Individual plugs in a wide range of sizes can be locked out to prevent energization
• Accommodates padlocks with shackle lengths of 1.50 inches or greater and plugs
with a hole in a blade
• Constructed of rugged polycarbonate providing strength, durability, added security,
and corrosion resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com