データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 96 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 96 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 92Page - PANDUIT CORP. PCV-FA Datasheet HTML 93Page - PANDUIT CORP. PCV-FA Datasheet HTML 94Page - PANDUIT CORP. PCV-FA Datasheet HTML 95Page - PANDUIT CORP. PCV-FA Datasheet HTML 96Page - PANDUIT CORP. PCV-FA Datasheet HTML 97Page - PANDUIT CORP. PCV-FA Datasheet HTML 98Page - PANDUIT CORP. PCV-FA Datasheet HTML 99Page - PANDUIT CORP. PCV-FA Datasheet HTML 100Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
94
Floor Signs & Tapes | Floor Tapes
Part No.
Size
UOM
Corner
PFMTS09
6" x 6"
Each
PFMTS10
12" x 12"
45˚ Corner
PFMTS20
6"
Each
PFMTS19
12"
T-Corner
PFMTS11
6" x 9"
Each
PFMTS12
8" x 12"
Quad Corner
PFMTS17
9" x 9"
Each
PFMTS18
12" x 12"
Part No.
Length
UOM
Footprints
PFMTS01
6"
Pair
PFMTS02
12"
Part No.
Size
UOM
Arrow
PFMTS14
3"
Each
PFMTS15
6"
PFMTS16
12"
Square
PFMTS05
3" x 3"
Each
PFMTS06
6" x 6"
Circle, Dot
PFMTS03
3" dia
Each
PFMTS04
6" dia
Triangle
PFMTS07
3"
Each
PFMTS08
6"
Corner
45˚ Corner
T-Corner
Quad Corner
Footprint
Arrow
Square
Circle, Dot
Triangle
Mark pallets, storage, and walkways in your facility – ideal for
5S programs.
Non-Slip Floor Marking Shapes
To Order: Add color code after part number: Red – RED, Orange – ORN, Yellow – YEL,
Green – GRN, Blue – BLU, White – WHT, Black – BLK.
Example: Part No. PFMTS09 + Color Code GRN = PFMTS09GRN
Overlaminated non-slip vinyl
pebble-textured surface
Color is sub-surface printed
• Self-adhesive 0.004" vinyl
• Protective non-slip,
pebble-textured overlaminate
• Strong acrylic-based adhesive
peel-off back liner
• Adhere to clean, smooth,
dry surface
• Service temperature range:
-20° to 140°F
Non-Slip Floor Marking Tapes
PFM0598
STAGING
AREA
STAGING
AREA
PFM0597
PFM0601
PFM0600
FORKLIFT
TRAFFIC
FORKLIFT
TRAFFIC
PFM0599
Use non-slip tapes to mark and identify aisles, pathways,
and designated locations in your facility.
Sub-surface printed 0.004" vinyl tapes are overlaminated with a 0.017" clear,
protective pebble-textured tread. The dimpled non-slip surface is ideal for pedestrian
traffic areas.
• Dual-layer, color vinyl and clear textured vinyl construction
• Strong acrylic-based adhesive peel-off back liner
• Adhere to clean, smooth, dry surface
• Service temperature range: -20° to 140°F
• Available in solid colors or with messages
Message Tapes
To Order Solid Color Tapes:
Add color code after part number: Red – RED,
Orange – ORN, Yellow – YEL, Green – GRN,
Blue – BLU, White – WHT, Black – BLK.
Example: Part No. PFMT2X100 + Color Code YEL = PFMT2X100YEL
Size
UOM
3"W x 50-ft.
Roll
Part No.
Size
UOM
PFMT2X100
2"W x 100-ft.
Roll
PFMT3X100
3"W x 100-ft.
Overlaminated non-slip
vinyl pebble-textured surface
Color is sub-surface printed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com