データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 56 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 56 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 52Page - PANDUIT CORP. PCV-FA Datasheet HTML 53Page - PANDUIT CORP. PCV-FA Datasheet HTML 54Page - PANDUIT CORP. PCV-FA Datasheet HTML 55Page - PANDUIT CORP. PCV-FA Datasheet HTML 56Page - PANDUIT CORP. PCV-FA Datasheet HTML 57Page - PANDUIT CORP. PCV-FA Datasheet HTML 58Page - PANDUIT CORP. PCV-FA Datasheet HTML 59Page - PANDUIT CORP. PCV-FA Datasheet HTML 60Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
54
Labelmakers
Thermal Transfer Desktop Printer and Accessories
• Compact, lightweight design enables use in office or remote locations
• 300 dpi thermal transfer printer creates crisp, clear legends with superior legibility
• Up to 2.00 inches per second print speed for fast label production
• Use to print a wide variety of self-laminating labels, component labels,
non-laminated labels, heat shrink labels, marker plates and continuous
tapes up to 4.00 inches wide
• Easy-Mark™ Labeling Software and hybrid ribbon included with printer
Part No.
Description
TDP43ME
300 dpi printer; includes printer, Panduit Easy-Mark Plus™ Labeling Soft-
ware, RMEH4BL black hybrid ribbon, AC power adapter with US power
cord, USB cable, user manual, quick start card, and driver disk;
for use in North America
TDP43ME-KIT
TDP43ME printer kit. Includes: printer, Panduit Easy-Mark Plus™ Labeling
Software, RMEH4BL black hybrid ribbon, AC power adapter with US
power cord, USB cable, user manual, quick start card,
TDP43ME-RS Roll Stand, TDP43ME-CASE, one roll of S100X150VATY
labels, and driver disk; for use in North America
Part No.
Description
RMEH4BL*
Black hybrid thermal transfer ribbon. Use with heat shrink,
self-laminating, Turn-Tell®, tan polyimide labels, and vinyl
cloth labels
RMER4BL*
Black resin thermal transfer ribbon. Use with polyester and white
polyimide labels, continuous vinyl tape, marker plates, and raised
panel labels
RMER4BU
Blue resin thermal transfer ribbon. Use with polyester and white
polyimide labels, continuous vinyl tape, marker plates, and raised
panel labels
RMER4GR
Green resin thermal transfer ribbon. Use with polyester and white
polyimide labels, continuous vinyl tape, marker plates, and raised
panel labels
RMER4RD
Red resin thermal transfer ribbon. Use with polyester and white
polyimide labels, continuous vinyl tape, marker plates, and raised
panel labels
RMER4WH
White resin thermal transfer ribbon. Use with polyester labels,
continuous vinyl tape, marker plates, and raised panel labels
*For 2.5" wide ribbons, replace 4 in part number with 2. For example, the part number of
a 2.5" wide black hybrid thermal transfer ribbon is RMEH2BL.
Ribbons for Use with the
TDP43ME Thermal Transfer
Desktop Printer
• Hybrid – Recommended for use
with self-laminating, heat shrink,
component and non-laminated
labels
• Resin – Recommended for use
with component labels, marker
plates, and continuous tape
• 4.3" x 240-ft. (110mm x 73m)
Thermal Transfer Continuous Label Tapes
• Tapes offer crisp, clear legends with superior legibility
• Indoor/outdoor rated
• Conformable flat label applications for safety and facility identification
• Can be overlaminated to increase durability
• Use thermal transfer resin ribbon
• Vinyl Tapes: 4" x 100-ft.
• Reflective Tapes: 4" x 50-ft.
Part No.
Color
T400X000RP1
White
T400X000RQ1
Blue
T400X000RU1
Orange
T400X000RW1
Red
T400X000RX1
Yellow
Thermal Transfer Printable Arc Flash Labels
• Provide employees with the highest degree of safety through proper identification
and communication
• Clearly visible and recognizable hazard information to communicate arc flash
hazards present
• Labels are constructed of durable polyester designed to withstand UV exposure,
outdoor use, water, abrasion
• Custom Arc Flash Hazard Labels can be printed using Panduit labeling software
with desktop thermal transfer printers
• Use thermal transfer resin ribbon
Custom Die-Cut
Custom Continuous Color Header Tape
4" x 4"
C400X400A51
250/Roll
4" x 4"
C400X400YZ1
250/Roll
4" x 6"
C400X600A51
100/Roll
4" x 6"
C400X600YX1
100/Roll
4" x 6"
C400X600YZ1
100/Roll
4" x 50-ft.
T400X000A91
4" x 50-ft.
T400X000YX1
Vinyl Tapes, 4" x 100-ft.
Part No.
Color
T400X000VP1Y
White
T400X000VQ1Y
Blue
T400X000VR1Y
Brown
T400X000VS1Y
Green
T400X000VT1Y
Gray
T400X000VU1Y
Orange
T400X000VV1Y
Purple
T400X000VW1Y
Red
T400X000VX1Y
Yellow
T400X000VY1Y
Black
Part No.
Color
T425X000YK1
Clear
Reflective Tapes, 4" x 50-ft.
Non-Printable Clear Overlaminate
Tapes, 4.25" x 100-ft.
• Temperature Ranges:
Vinyl: -58° to 176°F
Polyester: -40° to 302°F
Reflective: -40° to 180°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com