データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 24 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 24 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 20Page - PANDUIT CORP. PCV-FA Datasheet HTML 21Page - PANDUIT CORP. PCV-FA Datasheet HTML 22Page - PANDUIT CORP. PCV-FA Datasheet HTML 23Page - PANDUIT CORP. PCV-FA Datasheet HTML 24Page - PANDUIT CORP. PCV-FA Datasheet HTML 25Page - PANDUIT CORP. PCV-FA Datasheet HTML 26Page - PANDUIT CORP. PCV-FA Datasheet HTML 27Page - PANDUIT CORP. PCV-FA Datasheet HTML 28Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
22
Safety Signs & Labels
3 1/2" x 5"
B3550
3 1/2" x 5"
5" x 7"
B3449
3 1/2" x 5"
5" x 7"
B3440
3 1/2" x 5"
5" x 7"
B3526
3 1/2" x 5"
5" x 7"
B3445
5" x 3 1/2"
B3539
’16
’17
’18
’19
2" x 14"
B3452
3" x 7"
B3431
Labels
First Aid
Signs
7" x 10"
10" x 14"
S7213
7" x 10"
10" x 14"
S7212
7" x 10"
10" x 14"
S7214
10" x 7"
14" x 10"
B7221
10" x 7"
14" x 10"
B7223
10" x 7"
14" x 10"
B7222
7" x 10"
10" x 14"
B7225
10" x 7"
14" x 10"
B7224
7" x 10"
10" x 14"
B7228
14" x 10"
B4503
7" x 10"
10" x 14"
B7227
7" x 10"
10" x 14"
B7229
14" x 10"
B4502
7" x 10"
10" x 14"
B7217
14" x 10"
B4508
7" x 10"
10" x 14"
B7218
10" x 7"
14" x 10"
B7219
7" x 10"
10" x 14"
B7220
Labels
3 1/2" x 5"
B3531
3" x 7"
B3521
3 1/2" x 5"
B3915
3" x 7"
B3519
3 1/2" x 5"
5" x 7"
B7230
6" x 5"
B3532
17" x 7"
B4997
How to Order Labels:
Select Material Code:
PVS
1
Select Size Code:
0305
2
Select Label Base
Part Number: B3550
3
Combine Codes in Specific Order
for Complete Part Number: PVS0305B3550
4
Available Materials
Codes
Adhesive Vinyl (Pkg. of 5)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
3 1/2" x 5"
0305
5" x 3 1/2"
0503
3" x 7"
0307
5" x 7"
0507
2" x 14"
0214
How to Order Labels:
Select Material Code:
PVS
1
Select Size Code:
0305
2
Select Label Base
Part Number: B3531
3
Combine Codes in Specific Order
for Complete Part Number: PVS0305B3531
4
Available Materials
Codes
Adhesive Vinyl (Pkg. of 5)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
3 1/2" x 5"
0305
3" x 7"
0307
6" x 5"
0605
5" x 7"
0507
See How to Order Signs on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com