データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 32 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 32 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 28Page - PANDUIT CORP. PCV-FA Datasheet HTML 29Page - PANDUIT CORP. PCV-FA Datasheet HTML 30Page - PANDUIT CORP. PCV-FA Datasheet HTML 31Page - PANDUIT CORP. PCV-FA Datasheet HTML 32Page - PANDUIT CORP. PCV-FA Datasheet HTML 33Page - PANDUIT CORP. PCV-FA Datasheet HTML 34Page - PANDUIT CORP. PCV-FA Datasheet HTML 35Page - PANDUIT CORP. PCV-FA Datasheet HTML 36Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
30
Safety Signs & Labels
ANSI ISO Safety Signs
10" x 14"
D4107
10" x 14"
D4105
10" x 14"
D5107
10" x 14"
D5113
10" x 14"
D4104
Men
working
above.
10" x 14"
D4108
10" x 14"
D4009
10" x 14"
D4081
10" x 14"
D4113
10" x 14"
W4303
10" x 14"
W4307
10" x 14"
W4308
10" x 14"
W4312
Look out
for forklifts.
10" x 14"
W4305
10" x 14"
C4647
10" x 14"
C4644
10" x 14"
C4603
10" x 14"
C5643
10" x 14"
N4809
10" x 14"
N4805
10" x 14"
N4825
EMERGENCY
10" x 14"
B4913
EMERGENCY
10" x 14"
B7226
10" x 14"
B4509
ISO Warning Symbols
Use internationally recognized symbols for hazard warning and identification
• International Organization for Standardization (ISO) labels communicate safety
without words
• Warning-shaped triangles with symbols to communicate hazard message
• Made of self-adhesive vinyl with durable overlaminate
Available Size
Code
10" x 14"
1014
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
Select Size Code:
1014
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS1014D4107
4
Select Sign Base Part Number:
D4107
3
Part Number
Label Width
In. (mm)
Marker
Qty.
Std. Pkg.
Qty.
PESW-A-*
0.50 (13.0)
10/card
10 cards
PESW-AA-11Y
0.30 (7.6)
80/card
PESW-B-*
1.00 (25.4)
10/card
PESW-C-*
1.97 (50.0)
PESW-D-*
3.90 (99.1)
3/card
PLVS0202*
2
1/card
10 cards
PLVS0404*
4
5 cards
PESW-*-1Y
Caution – Risk of
Electric Shock
PESW-*-11Y
Warning of Static
Sensitive Device
W3154
Belt Drive
Entanglement Hazard
PESW-*-6Y
Caution – Risk of
Ionizing Radiation
PESW-AA-11Y
Warning of Static
Sensitive Device
W3156
Gear Entanglement
Hazard
PESW-*-8Y
Caution – Laser Beam
W3152
Crush Hazard
W3158
Cut or Sever Hazard
PESW-*-9Y
Caution – General
Warning, Risk of Danger
W3153
Pinch Point Hazard
W3198
Heated/Hot Surface
Hazard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com