データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 83 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 83 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 79Page - PANDUIT CORP. PCV-FA Datasheet HTML 80Page - PANDUIT CORP. PCV-FA Datasheet HTML 81Page - PANDUIT CORP. PCV-FA Datasheet HTML 82Page - PANDUIT CORP. PCV-FA Datasheet HTML 83Page - PANDUIT CORP. PCV-FA Datasheet HTML 84Page - PANDUIT CORP. PCV-FA Datasheet HTML 85Page - PANDUIT CORP. PCV-FA Datasheet HTML 86Page - PANDUIT CORP. PCV-FA Datasheet HTML 87Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
NFPA & HMCIS | Haz-Com / GHS
81
800.777.3300 | Panduit.com
NFPA Placard Sign Kits
Hazardous Material Labels
Chemical Identifier Roll Labels
NFPA Part No.
HMCIS Part No.
Material/Size
Std. Pkg. Qty.
PHC0075
PHC0079
Adhesive-Poly,
1 1/2" x 3 7/8"
500
PHC0074
PHC0076
Self-Laminating
Vinyl, 1" x 3"
100
Identify hazardous chemicals
with appropriate information.
• Write-in chemical name, hazard
ratings and PPE
• Self-laminating has clear flap to
protect writing
• Adhesive-poly in roll of 500
• Self-laminating vinyl in roll of 100
NFPA
HMCIS
Easy installation and convenient for instant on-site
classification of chemical hazard identification.
• Kit includes: 1 blank placard, 15 numbers (3 sets
of 0-4), 7 hazard symbols, and NFPA wallet guide
• 0.004" adhesive vinyl placards with clear,
self-adhesive hazard panels
• Blank colored placards and self-adhesive
hazard panels also available separately
On-the-spot chemical hazard
identification.
• Write-in chemical name, hazard
ratings, and PPE information
• Adhesive vinyl
Size
UOM
3 1/2" x 5"
Each
HMCIS Protective Equipment
PHC0077
Hazard Panels
Blank
Placard
Placard Kit
Blank Placard
Size
Part No.
UOM
Part No.
UOM
PHC0124
Kit
PHC0082
Each
4" x 4"
PHC0123
PHC0080
10" x 10"
PHC0125
PHC0081
15" x 15"
*Add desired hazard panel number or symbol code after part number.
Number Example: Part No. PHC4X4N + Hazard Panel Number 2 = PHC4X4N2
Symbol Example: Part No. PHC4X4 + Symbol Code RAD = PHC4X4RAD
To Order Hazard Panels:
Number
Part No.
Symbol
Part No.
Fits Placard
Char. Height
UOM
PHC4X4N*
PHC4X4*
4" x 4"
1"
Each
PHC10X10N*
PHC10X10*
10" x 10"
4"
PHC15X15N*
PHC15X15*
15" x 15"
6"
Additional sizes and materials available.
RAD
COR
ACD
ALK
WTR
OXY
SA
Hazardous Material Classification Sign
Properly identify the four hazard ratings of
chemicals and materials on hand.
• Post on or in area of chemical containers
• Write in hazard ratings and chemical name
for on-the-spot identification
10" x 7"
1007B4845
Material
Code
UOM
Adhesive Vinyl
PVS
Each
Polyethylene Plastic
PRS
To Order: Add material code before part number.
Example: Material Code PVS +
Part No. 1007B4845 = PVS1007B4845
Wallet Cards
Quick reference fits in employee’s pocket.
• Color-printed plastic in three front styles: NFPA, HMCIS and Combo
• Back features hazard rating code index definitions
• Measures 2 1/8" x 3 3/8"
• Available each
UOM
Each
NFPA Placard Sign Kits
NFPA Flip Placard Sign
Display the four-color NFPA diamond format for the hazard
categories.
• 10" x 7" sign available in 0.040" aluminum
• Adhesive hazard
panels printed black on
clear to apply on-site
• Kit includes: 1 sign,
15 numbers
(3 sets, 0 – 4),
7 specific hazard
symbols, NFPA
wallet guide
Flip and change panels to reflect any hazard.
• Aluminum flip panels display the hazard rating
required by NFPA 704
• 15 1/2" x 15 1/2", 0.063" sturdy, rust-proof
aluminum backboard
• 0.120" clear plastic face fits over placard with center screw
• Withstands weather and other environmental conditions
• 3/16" corner mounting holes
UOM
Kit
Part No.
UOM
PHC0128
Each
Comply with OSHA standard 29 CFR §1910.1200,
commonly known as the “Right-To-Know” standard.
PHC0126
PHC0127
NFPA
PHC0122
HMCIS
PHC0078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com