データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 10 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 10 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 6Page - PANDUIT CORP. PCV-FA Datasheet HTML 7Page - PANDUIT CORP. PCV-FA Datasheet HTML 8Page - PANDUIT CORP. PCV-FA Datasheet HTML 9Page - PANDUIT CORP. PCV-FA Datasheet HTML 10Page - PANDUIT CORP. PCV-FA Datasheet HTML 11Page - PANDUIT CORP. PCV-FA Datasheet HTML 12Page - PANDUIT CORP. PCV-FA Datasheet HTML 13Page - PANDUIT CORP. PCV-FA Datasheet HTML 14Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
8
Safety Signs & Labels
Signs
7" x 10"
10" x 14"
B7078
7" x 10"
10" x 14"
B7077
10" x 14"
B3533
10" x 14"
B4535
10" x 14"
B4907
14" x 10"
B4908
7" x 10"
10" x 14"
B7076
7" x 10"
10" x 14"
B7081
7" x 10"
10" x 14"
B7024
7" x 10"
10" x 14"
B7025
7" x 10"
10" x 14"
B7080
10" x 14"
B4912
Lighted UL LED Exit Signs
Light the way of egress routes with illuminated EXIT.
• Long-life, energy efficient, LED lamps, rated at 25+ years
• Ceiling, end, or surface mount
• Emergency style includes rechargeable battery back-up to
keep sign lit for 1 1/2 hours during power failure
• Red, 6" letters with knock-out left and right arrows
• Hardwire connection to reliable electrical source required
• 120 or 277 field selectable inputs
Thermoplastic Exit Signs
• Scratch- and corrosion-resistant plastic housing
• Measures 7 1/2" x 12 1/4" x 1 3/4"
• UL924 listed
Steel Exit Signs
• Durable, 20-gauge, steel housing with white
powder-coat finish
• Measures 7 1/2" 12" x 2 1/4"
• UL924 and ULC/ORD-C924-02 listed
Part No.
Description
UOM
PSSE001
Standard
Each
PSSE002
Emergency
Part No.
Description
UOM
PSSE003
Standard
Each
PSSE004
Emergency
Meets OSHA 29 CFR §1910.37
14" x 10"
B3513
7" x 10"
10" x 14"
B7026
7" x 10"
10" x 14"
B7027
7" x 10"
10" x 14"
B7039
7" x 10"
10" x 14"
B7038
7" x 10"
10" x 14"
B7079
7" x 10"
10" x 14"
B7050
7" x 10"
10" x 14"
B7082
Available Sizes
Codes
7" x 10"
0710
10" x 14"
1014
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
How to Order Signs:
Select Material
Code: PVS
1
Select Size
Code: 0710
2
Select Label Sign
Part Number: B7078
3
Combine Codes in Specific Order for
Complete Part Number: PVS0710B7078
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com