データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 98 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 98 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 94Page - PANDUIT CORP. PCV-FA Datasheet HTML 95Page - PANDUIT CORP. PCV-FA Datasheet HTML 96Page - PANDUIT CORP. PCV-FA Datasheet HTML 97Page - PANDUIT CORP. PCV-FA Datasheet HTML 98Page - PANDUIT CORP. PCV-FA Datasheet HTML 99Page - PANDUIT CORP. PCV-FA Datasheet HTML 100Page - PANDUIT CORP. PCV-FA Datasheet HTML 101Page - PANDUIT CORP. PCV-FA Datasheet HTML 102Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
96
Floor Signs & Tapes | Floor Tapes
Non-Skid Floor Tapes
OSHA 29 CFR
§1910.24 (f)
Non-Skid Floor Shape Tapes
Create a high-traction surface
to prevent slips, trips, and falls.
• Durable surface provides good grip,
wear resistance, and water resistance
• Suitable for indoor and outdoor environments
• Resists sliding, buckling, wrinkling, and peeling
• Black tape is 60-grit aluminum oxide compound
layer fused onto thick PVC base; colored
and striped tapes are 46-grit
• High-tack acrylic adhesive back
• Peel-off liner
Get a finished look to your
anti-skid tapes in pre-cut
shapes.
• Rounded corners to prevent
corners from lifting
• Aggressive 60-grit aluminum
oxide compound layer fused onto
a thick PVC base
• Peel-off liner with high-tack acrylic
adhesive back
• Suitable for indoor and outdoor environments,
water resistant
Part No.
Description
Size
UOM
PFM0110
Square
5 1/2" x 5 1/2"
Each
PFM0109
Wide Strip
3" x 24"
PFM0111
Cleat
6" x 24"
PFM0112
Cleat w/ Refl. Yellow
PFM0113
Cleat w/ Glow
Cleat
Cleat w/ Reflective Yellow
Cleat w/ Glow
Square
Wide Strip
• Muted yellow appearance masks
dirt and grime
Part No.
Size
UOM
Solid Black
PFM0090
1" x 60-ft.
Roll
PFM0092
2" x 60-ft.
PFM0094
3" x 60-ft.
PFM0095
4" x 60-ft.
PFM0097
6" x 60-ft.
Part No.
Size
UOM
Solid Yellow
PFM0091
1" x 60-ft.
Roll
PFM0093
2" x 60-ft.
PFM0096
4" x 60-ft.
Striped Black/Yellow
PFM0103
2" x 60-ft.
Roll
PFM0105
4" x 60-ft.
Part No.
Size
UOM
Muted Yellow w/ Black Particles
PFM0107
2" x 60-ft.
Roll
PFM0108
4" x 60-ft.
Non-Skid Floor Signs
High-traction, anti-skid, clear grit
surface. 6" x 24". Sub-surface
printed vinyl floor signs. High-tack,
acrylic adhesive back. Peel-off liner.
UOM
Each
PFM0040
PFM0046
PFM0047
PFM0041
PFM0045
RESTRICTED AREA
PFM0044
PFM0042
PFM0043



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com