データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 102 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 102 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 98Page - PANDUIT CORP. PCV-FA Datasheet HTML 99Page - PANDUIT CORP. PCV-FA Datasheet HTML 100Page - PANDUIT CORP. PCV-FA Datasheet HTML 101Page - PANDUIT CORP. PCV-FA Datasheet HTML 102Page - PANDUIT CORP. PCV-FA Datasheet HTML 103Page - PANDUIT CORP. PCV-FA Datasheet HTML 104Page - PANDUIT CORP. PCV-FA Datasheet HTML 105Page - PANDUIT CORP. PCV-FA Datasheet HTML 106Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
100 Barriers & Barricades | Cones
Cone Top Warning Signs
Temporarily and quickly direct
facility traffic.
• Slips into top of any standard,
flexible traffic cone
• Rugged, 0.060" plastic
• Same message both sides
• Weather- and fade-resistant
• 10" x 14"
PBB0068
PBB0070
PBB0074
PBB0069
PBB0073
PBB0071
PBB0077
UOM
Each
Part No.
Height
Weight
UOM
All Red/Orange - Standard
PBB0165
12"
1.5 lbs
Each
PBB0126
18"
3 lbs
PBB0167
28"
7 lbs
PBB0169
36"
10 lbs
PBB0170
12 lbs
All Red/Orange - w/ reflective collars
PBB0017
28"
7 lbs
Each
PBB0022
36"
12 lbs
Fluorescent Yellow/Green - Standard
PBB0166
18"
3 lbs
Each
PBB0168
28"
7 lbs
PBB0171
36"
10 lbs
Cones
Brightly colored cones are ideal to
mark hazardous areas.
• Durable, flexible spring-back design
• Molded PVC (Poly-Vinyl-Chloride) plastic
• UV stabilizers for fade resistance
• Stackable for easy transport and storage
Meets
applicable
MUTCD
and State
Standards
Universal Cone Adapter
Universal Cone Adapter fits most standard traffic cones.
• Quickly and easily mount signs, flags and lights
• Can also be used with rope or barricade tape to form various
sized barriers
Orange No.
Yellow Part No.
UOM
PBB0065
PBB0066
Each
Sign and cone sold separately
PBB0067
PBB0072
Pennant Flag Tapes
Attention-getting pennant flag
tapes warn of hazardous areas.
Standard style
• 9" x 12" red, polyethylene
plastic pennants
• Sewn onto durable cord -
approx. 66" lead cord each end
• Ideal for indoor and temporary
outdoor applications
Heavy-Duty style
• Large 18" x 18" fluorescent orange
9-oz. vinyl laminated, nylon pennants
• Tough, tear-resistant
• Sewn onto high-tensile strength
cord - approx. 20-ft. lead each end
• Ideal for extended periods outdoors,
withstands harsh conditions
OSHA-Compliant style
• Large 18" x 18", fluorescent orange
9-oz. vinyl laminated, nylon pennants
• Sewn onto heavy-duty reinforced
chord that exceeds OSHA’s 500 lb.
tensile strength requirements
• Meets OSHA 1926.502(f)(2)(iv)
withstanding the harshest conditions
Part No.
Description
No. of
Pennants
UOM
Standard
PBB0025
60-ft.
36
Each
Heavy-Duty
PFM0038
83-ft.
15
Each
PBB0004
113-ft.
25
OSHA-Compliant Style
PFM0039
83-ft.
15
Each
PBB0003
113-ft.
25
Cone sold separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com