| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 33394 Datasheet
# Example questions:
➢ What is the maximum allowable junction temperature for this device, and what are the thermal resistance values from junction to ambient (rθja) for the 44 hsop, 44 qfn, and 54 soicw-ep packages?
➢ What are the specified voltage limits for each of these standards?
➢ What is the acceptable range for the vbat supply voltage, and what is the maximum allowable output current for vddh?
1. Device Overview
This appears to be a datasheet excerpt for a power management integrated circuit (PMIC), likely targeting automotive applications (given the emphasis on CAN bus robustness and load dump protection). It's a complex chip controlling multiple voltage rails and providing protection features.
2. Pin Descriptions (Based on information from the table)
️· CANL/CANH: Communication pins, require robust ESD protection and transient voltage suppression.
️· /SLEEP: Likely an input to put the chip into a low-power mode.
️· REGON, VPP_EN, /HRESET, /PORESET, /PRERESET, HRT, DO, DI, CS, SCLK: Control and communication signals. Likely used to control the various regulators and communication protocols within the device. "/ " Prefix suggests active low signals.
️· CANTXD, CANRXD: Transmit/Receive pins for CAN communication.
️· VDDH, VDD3_3, VDDL, VKAM, VREF1, VREF2, VREF3, VSEN, VPRE: Voltage output rails with associated current ratings (see Recommended Operating Conditions).
️· DO, DI, CS, SCLK Digital I/O pins, probably related to SPI communication.
3. Key Features (Inferred)
️· Multiple Voltage Regulation: Controls multiple voltage rails (VDDH, VDD3_3, VDDL, VKAM, etc.)
️· CAN Bus Protection: Built-in protection for CAN high and low lines, including ESD and transient voltage protection (load dump).
️· Protection Circuits: Includes protection against load dump, overvoltage, and other fault conditions.
️· Low Power Standby Mode: Implemented through the /SLEEP pin and VKAM output.
️· Communication Interfaces: Likely includes SPI (via DO, DI, CS, SCLK) and CAN interfaces.
4. Absolute Maximum Ratings
These are *stress ratings* - exceeding them can cause permanent damage.
| Parameter | Value (Typical Units) |
|---|---|
| VBAT/KA_VBAT/VIGN | 4.0 - 26.5 V |
| VDDH, VPP, VDD3_3, VDDL, VKAM | -0.3 to +5.8 V |
| VREF1, VREF2, VREF3, VSEN | -2.0 to +18 V |
| CAN Transient | ± 200V |
| Operating Temperature | -40°C to +125°C |
| Storage Temperature | -65°C to +150°C |
| Power Dissipation | Up to 5W (depending on package) |
| Lead Temperature (Soldering) | 260°C (limited duration) |
| Parameter | Value | Unit |
|---|---|---|
| VBAT/KA_VBAT | 4.0 - 26.5 | V |
| VPRE (Switching Regulator Output Current) | 0 - 1.2 | A |
| VDDH Output Current | 0 - 400 | mA |
| VDD3_3 Output Current | 0 - 120 | mA |
| VDDL Output Current | 0 - 40 | mA |
| VKAM Output Current (Standby) | 0-12 | mA |
1. Device Overview
This appears to be a datasheet excerpt for a power management integrated circuit (PMIC), likely targeting automotive applications (given the emphasis on CAN bus robustness and load dump protection). It's a complex chip controlling multiple voltage rails and providing protection features.
2. Pin Descriptions (Based on information from the table)
️· CANL/CANH: Communication pins, require robust ESD protection and transient voltage suppression.
️· /SLEEP: Likely an input to put the chip into a low-power mode.
️· REGON, VPP_EN, /HRESET, /PORESET, /PRERESET, HRT, DO, DI, CS, SCLK: Control and communication signals. Likely used to control the various regulators and communication protocols within the device. "/ " Prefix suggests active low signals.
️· CANTXD, CANRXD: Transmit/Receive pins for CAN communication.
️· VDDH, VDD3_3, VDDL, VKAM, VREF1, VREF2, VREF3, VSEN, VPRE: Voltage output rails with associated current ratings (see Recommended Operating Conditions).
️· DO, DI, CS, SCLK Digital I/O pins, probably related to SPI communication.
3. Key Features (Inferred)
️· Multiple Voltage Regulation: Controls multiple voltage rails (VDDH, VDD3_3, VDDL, VKAM, etc.)
️· CAN Bus Protection: Built-in protection for CAN high and low lines, including ESD and transient voltage protection (load dump).
️· Protection Circuits: Includes protection against load dump, overvoltage, and other fault conditions.
️· Low Power Standby Mode: Implemented through the /SLEEP pin and VKAM output.
️· Communication Interfaces: Likely includes SPI (via DO, DI, CS, SCLK) and CAN interfaces.
4. Absolute Maximum Ratings
These are *stress ratings* - exceeding them can cause permanent damage.
| Parameter | Value (Typical Units) |
|---|---|
| VBAT/KA_VBAT/VIGN | 4.0 - 26.5 V |
| VDDH, VPP, VDD3_3, VDDL, VKAM | -0.3 to +5.8 V |
| VREF1, VREF2, VREF3, VSEN | -2.0 to +18 V |
| CAN Transient | ± 200V |
| Operating Temperature | -40°C to +125°C |
| Storage Temperature | -65°C to +150°C |
| Power Dissipation | Up to 5W (depending on package) |
| Lead Temperature (Soldering) | 260°C (limited duration) |
| Parameter | Value | Unit |
|---|---|---|
| VBAT/KA_VBAT | 4.0 - 26.5 | V |
| VPRE (Switching Regulator Output Current) | 0 - 1.2 | A |
| VDDH Output Current | 0 - 400 | mA |
| VDD3_3 Output Current | 0 - 120 | mA |
| VDDL Output Current | 0 - 40 | mA |
| VKAM Output Current (Standby) | 0-12 | mA |
| Part No. | 33394 |
| Manufacturer | FREESCALE |
| Size | 639 Kbytes |
| Pages | 44 pages |
| Description | Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver |