データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 12 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
33394
12
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
3. ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ +125°C; +4.0 V ≤ VBAT ≤ +26.5 V using the 33394 typical application
circuit – see Figure 1, unless otherwise noted.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS:
SUPERVISORY OUTPUTS
Reset Voltage Thresholds
/HRESET to follow /PRERESET by 0.7
µs
VDDH Reset Upper Threshold Voltage
(Note 1)
5.2
V
VDDH Reset Lower Threshold Voltage
(Note 1)
4.8
V
VDD3_3 Reset Upper Threshold Voltage
(Note 1)
3.43
V
VDD3_3 Reset Lower Threshold Voltage
(Note 1)
3.17
V
VDDL Reset Upper Threshold Voltage
(Notes 1, 4)
1.35
V
VDDL Reset Lower Threshold Voltage
(Notes 1, 4)
1.2
V
/PORESET Voltage Threshold
VKAM Reset Upper Threshold Voltage
(Notes 2, 5)
1.35
V
VKAM Reset Lower Threshold Voltage
(Notes 2, 5)
1.2
V
/PRERESET, /HRESET, /PORESET Open Drain Maximum Voltage
(Note 3)
7.0
V
/PRERESET, /HRESET, /PORESET Open Drain Pull–Down Current,
Vreset< 0.4 V
1.0
mA
/PRERESET, /HRESET, /PORESET Low–Level Output Voltage,
IOL = 1.0 mA
0.5
V
/PRERESET /HRESET /PORESET Leakage Current
15
µA
WAKEUP High–Level Output Voltage, IOH = –800
µA
VDDH–0.8
V
WAKEUP Low–Level Output Voltage, IOL = 1.6 mA
0.4
V
HRT Voltage Threshold
2.49
2.53
2.57
V
HRT Sink Current
1.0
mA
HRT Leakage Current
5.0
µA
HRT Saturation Voltage, HRT Current = 1 mA
0.4
V
AC CHARACTERISTICS:
SUPERVISORY OUTPUTS
/PORESET Delay
Delay time from VKAM in regulation and stable to the release of
/PORESET
7.0
10
15
ms
Reset Delay Time
Time from fault on VDDH, VDD3_3, VDDL or VKAM to Reset
(/PORESET, /PRERESET)
10
20
50
µs
/HRESET Delay Time
Time From /PRERESET low to /HRESET low
0.5
0.7
1.0
µs
VDDH, VDDL, VREF Power Up Sequence
Max Power Up Sequence Time Dependent on Output Load
Characteristics.
(Note 3)
800
µs
NOTE:
1. VDDH, VDD3_3, VDDL regulator outputs supervised by /PRERESET and /HRESET.
2. VKAM regulator output supervised by /PORESET.
3. Guaranteed by design but not production tested.
4. Measured at the VDDL_FB pin.
5. Measured at the VKAM_FB pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com