データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 20 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
33394
20
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Figure 5. 33394 Timing Diagram
VDDH = 5.0V
VDD3_3 = 3.3V*
VDDL = 2.6V
VKAM = 2.6V
2.6V
2.6V
2.6V
0.7
ms
0.7
ms
0.7
ms
HRT DELAY
HRT DELAY
HRT DELAY
VDDH, VDDA,
VFLASH5
KAPWR,
VDDSRAM1,2,3
VDDRTC
PORESET
IRQ0
HRESET
MPC56X
VDDH
VDD3_3
VDDL
VIGN
VKAM
/PORESET
/PRERESET
/HRESET
10ms
3
2
1
4
5
6
8
10
11
9
7
33394
Output
Supply Input
NVDDL, QVDDL,
VDD, VDDSYN,
VDDF
5.0V
2.6V
* VDD3_3 = 3.3V (not used by MPC56x)
1 Module connected to the battery, VKAM starts to regulate, /PORESET is released after VKAM is in regulation for 10 ms.
2 VIGN is applied, 33394 starts power up sequence.
3 VDDH, VDD3_3, VDDL are stable and in regulation before /PRERESET and /HRESET are released (with a HRT delay
programmable by an external capacitor and resistor, HRT pin).
4 Any of VDDH, VDD3_3, VDDL voltages out of regulation initiate /PRERESET asserted. Power down sequence initiated.
5 /HRESET is asserted 0.7
ms after /PRERESET
6 When fault is removed and VDDH, VDD3_3, VDDL are in regulation, the /PRERESET and /HRESET outputs are released
(with an HRT delay).
7 When VKAM goes out of regulation limits (4% below its nominal value), /PORESET, /PRERESET and /HRESET (/HRESET
with 0.7
ms delay) are asserted – see Note 1.
8 33394 initiates power down sequence.
9 Fault on VKAM removed, the 33394 initiates the start up sequence.
10 When VDDH, VDD3_3, VDDL are in regulation again, the /PRERESET and /HRESET outputs are released (with an HRT
delay).
11 /PORESET is released with a 10 ms delay after the fault on VKAM was removed.
Figure 6. 33394 Power Up/Down Sequence
VDDH = 5.0 V
VDD3_3 = 3.3 V
VDDL = 2.6 V*
POWER UP SEQUENCE
POWER DOWN SEQUENCE
0 V
*NOTE: VDDL = 2.6 V for MPC565
LESS THAN 3.1 V
* VKAM voltage level for MPC55x devices is 3.3 V and for MPC56x devices is 2.6 V.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com