データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 34 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
33394
34
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Table 4. 33394DWB Evaluation Board Bill of Material
Item
Qty.
Part Designator
Value/ Rating
Part Number/ Manufacturer
1
1
C1
100nF/16V, Ceramic X7R
Any manufacturer
2
1
C2
100
µF/20V
TPSV107K020R0085, AVX Corp.
3
3
C3,C26,C29
1.0
µF/50V
C1812C105K5RACTR, Kemet
4
1
C4
100
µF/35V
UUB1V101MNR1GS, Nichicon
5
1
C5
3.3nF, Ceramic X7R
Any manufacturer
6
1
C6
100pF, Ceramic X7R
Any manufacturer
7
1
C7
1.0nF, Ceramic X7R
Any manufacturer
8
10
C8,C11,C12,C15,C17,C19,C21,C23,C28,C30
10nF, Ceramic X7R
Any manufacturer
9
4
C9,C14,C16,C18
1.0
µF, Ceramic X7R
Any manufacturer
10
2
C20,C10
47
µF/10V, Tantalum
TPSC476K010R0350, AVX Corp.
11
1
C13
10
µF/16V, Tantalum
TPSB106K016R0800, AVX Corp.
12
1
C22
10
µF/6.3V, Tantalum
TPSA106K006R1500, AVX Corp.
13
1
C24
22
µF/6.3V, Tantalum
TPSA226K006R0900, AVX Corp.
14
2
C25,C27
470pF, Ceramic X7R
Any manufacturer
15
1
D1
30V/2A Schottky
20BQ030, International Rectifier
16
1
D2
200V/3A Diode
MURS320T3, ON Semiconductor
17
1
D3
50V/2A Schottky
SS25, General Semiconductor
18
1
JP1
2–pin, 0.2 (5.1mm)
Terminal Block
19
1
J1
34–pin, 0.1 x 0.1
PCB Header Connector
20
1
L1
47
µH
P0250.473T, Pulse Engineering
21
1
L2
6.8
µH
P0751.682T, Pulse Engineering
22
1
Q1
30V/11.5A, Mosfet
MMSF3300R2, ON Semiconductor
23
2
Q2,Q3
100V/3A, BJT
MJD31C, ON Semiconductor
24
1
R1
430R, Resistor 0805
Any manufacturer
25
1
R2
100k, Resistor 0805
Any manufacturer
26
6
R3,R9,R10,R11,R12,R14
4.7k, Resistor 0805
Any manufacturer
27
1
R4
22k, Resistor 0805, 1%
Any manufacturer
28
1
R5
110R, Resistor 0805, 1%
Any manufacturer
29
1
R6
20k, Resistor 0805, 1%
Any manufacturer
30
1
R7
100R, Resistor 0805, 1%
Any manufacturer
31
1
R8
120R, Resistor 0805
Any manufacturer
32
1
R13
18R, Resistor 0805
Any manufacturer
33
1
R15
47k, Resistor 0805
Any manufacturer
34
3
R16,R17,R18
10k, Resistor 0805
Any manufacturer
35
3
R19,R20,R21
2.0R, Resistor 0805
Any manufacturer
36
1
SW1
2–Position DIP Switch
BD02, C&K Components
37
1
TP1
Test Point, 0.038
240–333, Farnell
38
1
U1
Integrated Circuit
33394DWB/ Motorola
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com