データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 22 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
33394
22
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33394 SPI Registers:
Serial Output Data/Status
Default Value
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
Bit Definitions:
Bit 15 to 8 = 0
Default Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0 (LSB)
Name
VSEN–T
VREF3–T
VREF2–T
VREF1–T
VSEN–I
VREF3–I
VREF2–I
VREF1–I
Bit Definitions:
Bit 7 — VSEN–T: – Will be set (1), if a thermal limit occurred since last SPI data transfer
Bit 6 — VREF3–T: – Will be set (1), if a thermal limit occurred since last SPI data transfer
Bit 5 — VREF2–T: – Will be set (1), if a thermal limit occurred since last SPI data transfer
Bit 4 — VREF1–T: – Will be set (1), if a thermal limit occurred since last SPI data transfer
Bit 3 — VSEN–I: – Will be set (1), if a current limit condition exists
Bit 2 — VREF3–I: – Will be set (1), if a current limit condition exists
Bit 1 — VREF2–I: – Will be set (1), if a current limit condition exists
Bit 0 — VREF1–I: – Will be set (1), if a current limit condition exists
NOTES: # individual thermal limit latch will clear on the trailing edge of the SPI CS signal
Figure 8. SPI Output Data/ Status Register
4.16. CAN Transceiver
The CAN protocol is defined in terms of ’dominant’ and
’recessive’ bits. When the digital input (CANTXD) is a logic ”0”
(negated level, dominant bit), CANH goes to +3.5 V (nominal)
and CANL goes to +1.5 V (nominal). The digital output will also
be negated. When the digital input is logic ”1” (asserted level,
recessive bit), CANH and CANL are set to +2.5 V (nominal).
The corresponding digital output is also asserted.
4.16.1. CAN Network Topology
There are two 120
Ω (only two), terminations between the
CANH and CANL outputs. The majority of the time, the module
controller will contain one of the terminations. The other
termination should be as close to the other ”end” of the CAN
Bus as possible. The termination provides a total of 60
differential resistive impedance for generation of the voltage
difference between CANH and CANL. Current flows out of
CANH, through the termination, and then through CANL and
back to ground. The CAN bus is not defined in terms of the bus
capacitance. A filter capacitor of 220 pF to 470 pF may be
required. The maximum capacitive load on the CAN bus is
then 15 nF (not a lumped capacitance but distributed through
the network cabling). Refer to Figure 9.
Max : 31 Remotes
CANH
CANL
PCM
Vehicle Term.
120
W
120
W
470 pF*
470 pF*
470 pF*
470 pF*
*Optional
Common Mode Choke
2.2 mH
Figure 9. CAN Load Characteristics
4.16.2. CAN Transceiver Functional Description
A block diagram of the CAN transceiver is shown in Figure
10. A summary of the network topology is shown in Figure 9.
The transceiver has wake up capability controlled by the state
of the SPI bit WKUP. This allows 33394 to enter a low power
mode and be awakened by CAN bus activity. When activity is
sensed on the CAN bus pins, the 33394 will perform a power
up sequence and will provide the microprocessor with
indication (WAKEUP pin high) that wake up occurred from a
CAN message. The 33394 may be placed back in low
quiescent mode by pulling the /SLEEP pin from high to low.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com