データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 11 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
33394
11
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
3. ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ +125°C; +4.0 V ≤ VBAT ≤ +26.5 V using the 33394 typical application
circuit – see Figure 1, unless otherwise noted.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS:
VREF1, 2, 3
VREF Output Voltage, IVREF = –100 mA
VREF
4.86
5.0
5.12
V
VREF Load Regulation, VBAT = 13.3 V; IVREF = 0 to –100 mA
LoadRgVREF
–40
40
mV
VREF Line Regulation, VBAT = 4.0 V to 26.5 V; IVREF = –100 mA
LineRgVREF
–20
20
mV
VREF Tracking to VDDH Voltage, VDDH – VREF,
VBAT = 4.0 V to 26.5 V, IVREF = 0 to –100 mA;
IVDDH = 0 to –400 mA
VTVREF
–40
20
mV
VREF Drop Out Voltage, VPRE–VREF
IVREF = –100 mA; Decrease VBAT until VREF is out of specification
(less than 4.86 V)
VDOV
0.4
V
VREF Output Current, VBAT = 4.0 V to 26.5 V
IVREF
–100
mA
VREF Short Circuit Current, VREF = –2.0 V
ISC
–260
–110
mA
VREF Short to Battery Load Current, VBAT = 18 V, VREF = 18 V
IstbVREF
40
mA
VREF Leakage Current, VREF disabled, VREF = –2.0 V
ILKVREF
–2.0
mA
Thermal Shutdown Junction Temperature
(Note 1)
TSDIS
150
190
°C
Thermal Shutdown Hysteresis
(Note 1)
TSHYS
5.0
20
°C
VSEN
VSEN Saturation Voltage, IVSEN = 0 to –125 mA, VBAT= 8 to 16 V
VSENsat
0.2
V
VSEN Output Voltage Limit, IVSEN = 0 to –125mA, VBAT= 16 to 26.5V
VSENlimit
16
17
21
V
VSEN Short Circuit Current, VSEN = –2.0 V
IscVSEN
–290
–140
mA
VSEN Short to Battery Load Current, VBAT = 18 V, VSEN = 18 V
IstbVSEN
40
mA
VSEN Leakage Current, VSEN disabled, VSEN = –2.0 V
ILKVSEN
200
µA
Thermal Shutdown Junction Temperature
(Note 1)
TSDIS
150
190
°C
Thermal Shutdown Hysteresis
(Note 1)
TSHYS
5.0
20
°C
NOTE:
1. Guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com