データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 35 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
33394
35
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Figure 21. 33394 Application Circuit with Increased 3.3V Output Current Capability
VKAM_FB
VSEN
REGON
WAKEUP
VREF1
VPP_EN
VPP
VDD3_3
VDD3_3FB
VDDL_X
VDDL_B
INV
VCOMP
VPRE
VPRE_S
VDDH
VREF2
VREF3
DO
SCLK
DI
CS
PC33394FC
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
U1
R4
22 k
C22
47
mF
+
+3.3V
C21
10 nF
C9
1.0
mF
+
C13
33
mF
+
C12
10 nF
C8
10 nF
C18
R15
47 k
VDDH
VKAM
R16
10 k
R17
10 k
R18
10 k
VPRE
Q2
MJD31C
C23
10 nF
C24
100
mF
+
C1
100 nF
C28
10 nF
C16
1.0
mF
+
C17
10 nF
C10
47
mF
+
C14
+
C15
10 nF
C11
10 nF
1.0
mF
VDDH
VREF2
VREF3
C5
+
C30
+
33
mF/16 V
OPTIONAL
OUTPUT
FILTER
2
1
L3
3.3 nF
R1
430R
MTD20N03HDL
Q1
20BQ030
D1
SS25
D3
2
1
L1
47
mH
R13
18R
C19
10 nF
C20
100
mF
+
VPRE
Q4
VDDL_X
VDDL_B
R7
100R
R5
110R
VDDL_FB
Q4
MJD31C
Q3
MJD31C
VDDL
J1
CON/34
R6
20 k
C6
100 pF
C7
1.0 nF
R2 100 k
C29
1.0
mF/
50 V
R14
4.7k
+BATTERY
VIGN
VPRE
C2
100
mF/
20 V
34
35
36
37
R9
4.7 k
DO
R10
4.7 k
SCLK
R11
4.7 k
DI
R12
4.7 k
CS
C3
MURS320T3
Q4
2
1
L2
6.8
mH
D2
C4
+
C26
1.0
mF/50 V
100
mF/
35 V
1.0
mF/
50 V
VDDL
R19
10R
VBAT
VPRE_S
2.6V VKAM
5.0V @ 100mA VREF1
5.0V @ 400 mA
5.0V @ 100 mA
5.0V @ 100 mA
2.6V @ 400 mA
*
R3
4.7 k
JP1
1
2
VDDH
SW1
DIP–2
VPP_EN
*Notes: 1. D2 is a protection diode against reverse battery fault condition. In those applications, which do not require this type of protection, diode D2 can be ommitted.
Notes: 2. Capacitors C25, C27 are optional and may be used for CAN tranceiver evaluation.
C25 *
120R
C27 *
5.0V @ 150mA VPP
1.0
mF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com