データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 30 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
33394
30
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
5.2.1.4. Selecting the Power MOSFET Q2
The boost converter maximum output voltage plus the
voltage drop across the output schottky rectifier D2 gives the
MOSFET’s maximum drain–source voltage stress:
BVdsQ2>Vo+Vfwd2 = 6 V+0.5 V, as can be seen, the
breakdown voltage parameter is not critical.
The more important in our case is the Q2 current handling
capability. The external power MOSFET has to withstand
higher currents than the upper current limit of the 33394:
IDQ2>3A
In order to keep the power dissipation of the 33394 boost
converter to its minimum, a very low RDSon power MOSFET
has to be selected. Moreover, due to the fact that the 33394
external MOSFET gate driver is supplied from VPRE, in
order to assure proper switching of Q2 a logic level device
has to be selected.
Last but not least, the Q2 package has to suitable for the
harsh automotive environment with low thermal resistance.
These requirements are met, for example by the
MTD20N03HDL power MOSFET from ON Semiconductor.
5.2.1.5. Selecting the Boost Converter Output
Rectifier D2
Criteria similar to that of selecting the power MOSFET was
used to select the boost converter output rectifier. Its reverse
breakdown voltage is not a critical parameter:
VrD2>Vo=6 V
The D2 rectifier has to withstand higher peak current than
is the 33394 internal switch upper current limit Ilim(max).
The most important parameter is its forward voltage drop,
which has to be minimal. This parameter is also crucial for the
proper 33394 switcher functionality, and especially for proper
transition between the buck and boost modes.
Finally, its switching speed, forward and reverse recovery
parameters play a significant role when selecting the output
rectifier D2.
These requirements are met, for example by the HSM350
schottky rectifier from Microsemi, Inc.
5.2.2. Input Filter Selection
Since the switcher will work in the Boost mode only during
cold crank condition, the 33394 EMC (electromagnetic
compatibility) performance is not of concern during this mode
of operation. Therefore, only the Buck mode of operation is
important for selecting the appropriate input filter. For the
Buck converter topology (see Figure 13) the low impedance
3rd order filter (C3, L2, C4 and C26 in the Application
Schematic Diagram Figure 20) offers a good solution. It can
be seen from the Buck converter current waveforms that
comparatively high current pulses are drawn from the
converter’s input source. The filter inductance must be kept
minimal and the capacitor, which is placed right next to the
power switch, must be sized large enough to provide
sufficient energy reservoir for proper switcher operation.
The ESR of this input capacitor combination C4, C26 has
to be sufficiently low to reduce the switching ripple of the
switcher input node VBAT. There are three main reasons to
keep the voltage ripple of the VBAT pin at its minimum. First,
it is the EMC (electromagnetic compatibility) performance of
the switcher in the normal operating mode (buck mode).
Second, it allows a smooth transition between the boost and
buck mode of operation. Third, it helps to avoid entering an
undervoltage condition too early. A practical way to achieve
sufficiently low ESR of the switcher input capacitor, even at
low temperature extremes, is to use several high value
ceramic capacitors in parallel with a large electrolytic
capacitor. These capacitors should be physically placed as
close to the VBAT pins as possible.
5.2.3. Buck Converter Feedback Compensation
A typical control loop of the buck regulator is shown in
Figure 17. The loop consists of a power processing block —
the modulator in series with an error–detecting block — the
Error (Feedback) Amplifier. In principle, a portion of the
output voltage (VPRE of the 33394 switcher) is compared to
a reference voltage (Vbg) in the Error Amplifier and the
difference is amplified and inverted and used as a control
input for the modulator to keep the controlled variable (output
voltage VPRE) constant.
Figure 17. The Buck Converter Control Loop
+
+
+
Zin
Zf
Reference
Voltage
ERROR FEEDBACK AMPLIFIER
MODULATOR
Vout
To Load
Ramp
PWM
Signal
Vin
Gain Block
(Modulator)
Feedback
Block
G
H
S
Vout
Vin
+
Vout/Vin = G/(1 + GH)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com