データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 33 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33394
33
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Figure 20. 33394 Application Circuit Schematic Diagram
VBAT
+Battery
JP1
1
2
VDDH
SW1
DIP–2
VPP_EN
IGN
VIGN
R14
4.7k
R3
4.7k
C28
10nF
C29
1.0uF/50V
C3
1.0uF/50V
D2
MURS320T3
L2
6.8uH
Q3
12
+
C4
100uF/35V
Vbat
1.0uF/50V
C26
+
VKAM
C23
10nF
C24
22uF
R4
22k
R6
20k
VREF1
C8
10nF
C9
1.0uF
R19
2.0R
VPP
+
C12
10nF
C13
10uF
+3.3V
+
C21
10nF
C22
10uF
R9 4.7k
R10 4.7k
R11 4.7k
R12 4.7k
37
36
35
34
DO
SCLK
DI
CS
VKAM
U1
D1
20BQ030
L1
47uH
12
R1
Q1
MMSF3300R2
D3
SS25
C1
100nF
R13
18R
430R
+
C5
3.3nF
C2
100uF/16V
C6
100pF
C7
1.0nF
VBAT
VBAT
VBAT
VBAT
KA_VBAT
N/C
VIGN
VKAM
VKAM_FB
VSEN
REGON
WAKEUP
VREF1
VPP_EN
VPP
VDD3_3
VDD3_3FB
VDDL_X
VDDL_B
VDDL_FB
N/C
/PRERESET
/HRESET
/PORESET
CANRXD
CANTXD
SW1
SW1
SW1
SW1
SW1
N/C
BOOT
SW2G
GND
INV
VCOMP
VPRE
VPRE_S
VDDH
VREF2
VREF3
N/C
DO
SCLK
DI
CS
N/C
/SLEEP
HRT
CANH
CANL
GND
VSEN
REGON
WAKEUP
VPP_EN
VDDL_X
VDDL_B
VDDL_FB
CANRXD
CANTXD
R16
10k
R17
10k
R18
10k
C25 *
R8
120R
R15
47k
C18
1.0uF
C16
1.0uF
VDDH
VREF3
R20
2.0R
R21
2.0R
C17
10nF
C14
1.0uF
C15
10nF
VREF2
C10
47uF
C11
10nF
VDDH
+
VPRE
R22
100k
VPRE_S
/SLEEP
1
54
2
53
3
52
4
51
5
50
6
49
7
48
8
47
9
46
10
45
11
44
12
43
13
42
14
41
15
40
16
39
17
38
18
37
19
36
20
35
21
34
22
33
23
32
24
31
25
30
26
29
27
28
34
35
36
37
VPRE
+
VDDL_B
VDDL_X
VDDL
VDDL_FB
VDDL = 2.6V
R5
110R
C20
47uF
C15
10nF
Q3
Q3
MJD31C
Q2
MJD31C
R7
100R
CON/34
J1
*Notes: 1. D2 is a protection diode against reverse battery fault condition. In those applications, which do not require this type of protection, diode D2 can be ommitted.
Notes: 2. Capacitors C25, C27 are optional and may be used for CAN tranceiver evaluation.
*
C27 *
C30
10nF
Table 3. 33394 Evaluation Board Performance
Parameter
Value
(TA = 25_C, Vin = 14V)
Line Regulation
(Vin = 5.2V to 26.5V)
Load Regulation
(Vin = 14 V)
V
[mV]
Load
[mA]
DV
[mV]
Load
[mA]
DV
[mV]
Load
[mA]
VDDH
5.028
400
10
400
18
0 to 400
VPP
5.026
150
10
150
5
0 to 150
VREF1
5.023
100
8
100
8
0 to 100
VREF2
5.022
100
8
100
10
0 to 100
VREF3
5.021
100
6
100
11
0 to 100
VDD3_3
3.307
120
5
120
7
0 to 120
VDDL
2.667
400
5
400
10
0 to 400
VKAM
2.638
60
2
60
14
0 to 60
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com