データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 27 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
33394
27
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Figure 13. Basic Buck Converter Operation and its Waveforms
IQ
IL
ID
D
Q
Vin
RLOAD
VO
+
+
CO
L
Vin
RLOAD
+
+
CO
L
POWER SWITCH ON
ILOAD
Vout
ILO
VD(fwd)
RLOAD
+
+
CO
POWER SWITCH OFF
ILOAD
Vout
ILO
IO
IL
IQ
–ID
VD
VCo
DIL
ton toff
T
Vfwd
t
Boost Mode
The operation of the boost converter also consists of two
parts, when the power switch is on and off. When the power
switch turns on, the input voltage source is placed directly
across the inductor, and the current ramps up linearly
through the inductor as described by:
iL(on) +
Vin
ton
L
Where:
ton is the on–time of the power switch.
Vin is the input voltage.
iL(on) is the inductor current during the on–time.
L is the inductance of the inductor L.
The current ramping across the inductor stores energy
within the core material. In order to maintain steady–state
operation, the amount of energy stored during each switching
cycle, times the frequency of operation must be higher (to
cover the losses) than the power demands of the load:
Psto +
1
2
LI2pk
f
u Pout
When the power switch turns off again, the inductor voltage
flies back above the input voltage and is clamped by the
forward biased rectifier at the output voltage.
The current ramps down through the inductor to the output
until the new on time begins or, in case of discontinuous
mode of operation, until the energy stored in the inductor core
drops to zero.
iL(off) +
(Vo * Vin)
toff
L
Where:
toff is the off–time of the power switch.
Vo is the output voltage.
During the steady state operation iL(on) = iL(off) = ∆IL, and
d
+
Vo * Vin
Vo
Where:
d is the duty cycle, and d = ton/T.
T is switching period, T = 1/f.
f is the frequency of operation.
The ripple voltage of the boost converter can be described
as:
VppCo +
Io
Co
(Vo * Vin)
Vo
f
Where:
VppCo is the ripple caused by output current.
The portion of the output ripple voltage caused by the ESR
of the output capacitor is:
VppESR + (Io
Vo
Vin
) 1
2
DIL)
RESR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com