データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33394 データシート(PDF) 14 Page - Freescale Semiconductor, Inc

部品番号 33394
部品情報  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 データシート(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
33394
14
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
3. ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ +125°C; +4.0 V ≤ VBAT ≤ +26.5 V using the 33394 typical application
circuit – see Figure 1, unless otherwise noted.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS:
CAN Transceiver (Continued) (Bus Load CANH to CANL RL = 60 Ω; Vdiff = VCANH – VCANL)
CANH,CANL impedance
CANH Common Mode Input Resistance
Ri(CM)CANH
5.0
25
50
k
CANL Common Mode Input Resistance
Ri(CM)CANL
5.0
25
50
k
CANH, CANL Common Mode Input Resistance Mismatch
100(RiCANH – Ri(CM)CANL )/[ (RiCANH + Ri(CM)CANL )/2]
Ri(CM)MCAN
–3.0
3.0
%
Differential Input Resistance
RI(dif)
25
50
75
k
CANH Input Capacitance, VCANTXD = VDDH
(Note 1)
CI(CANH)
7.5
20
pF
CANL Input Capacitance, VCANTXD = VDDH
(Note 1)
CI(CANL)
7.5
20
pF
Differential Input Capacitance, CINCANH – CINCANL,
VCANTXD = VDDH
(Note 1)
CI(CANdif)
3.75
10
pF
Thermal Shutdown
Thermal Shutdown Junction Temperature
(Note 1)
TSDIS
150
190
°C
Thermal Shutdown Hysteresis
(Note 1)
TSHYS
5.0
20
°C
AC CHARACTERISTICS:
CAN Transceiver
Timing Characteristics
See Figure 2, CANTXD = 250 kHz square wave; CANH & CANL Load RL = 60 Ω differential.
Delay CANTXD to Bus Active, CL = 3nF
tonTXD
50
ns
Delay CANTXD to Bus Inactive, CL = 10pF
toffTXD
80
ns
Delay CANTXD to CANRXD, Bus Active, CL = 3nF
tonRXD
120
ns
Delay CANTXD to CANRXD, Bus Inactive, CL = 10pF
toffRXD
190
ns
NOTE:
1. Guaranteed by design but not production tested.
VDDH (5V)
0.9 V
0.5 V
0.7VDDH
0.3VDDH
CANTxD
Vdiff
CANRxD
tonTxD
tonRxD
toffTxD
toffRxD
0 V
VDDH (5V)
0 V
CANH (Recessive bit)
CANL (Recessive bit)
Figure 2. CAN Delay Timing Waveform
2.5 V
Vdiff
CANH = 3.5V (Dominant bit)
CANL = 1.5V (Dominant bit)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com