データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EE80C3 データシート(PDF) 64 Page - STMicroelectronics

部品番号 SPC58EE80C3
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 データシート(HTML) 64 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 60Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 61Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 62Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 63Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 64Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 65Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 66Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 67Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
64/154
DS11646 Rev 4
δGROUP
CC D
Group delay
Within pass band – Tclk
is fADCD_M / 2
——
—
—
OSR = 24
—
—
191.5
Tclk
OSR = 28
—
—
223
OSR = 32
—
—
254.5
OSR = 36
—
—
286
OSR = 40
—
—
317.5
OSR = 44
—
—
349
OSR = 48
—
—
380.5
OSR = 56
—
—
443.5
OSR = 64
—
—
506.5
OSR = 72
—
—
569.5
OSR = 75
—
—
550
OSR = 80
—
—
632.5
OSR = 88
—
—
695.5
OSR = 96
—
—
758.5
OSR = 112
—
—
884.5
OSR = 128
—
—
1010.5
OSR = 144
—
—
1136.5
OSR = 160
—
—
1262.5
OSR = 176
—
—
1388.5
OSR = 192
—
—
1514.5
OSR = 224
—
—
1766.5
OSR = 256
—
—
2018.5
fHIGH
CC D
High pass filter 3dB
frequency
Enabled
—
10e-5*
fADCD_S
——
tSTARTUP
CC D
Start-up time from
power down state
—
—
—
100
µs
tLATENCY
CC D
Latency between
input data and
converted data
(input mux not
changed)(15)
HPF = ON
—
—
δGROUP +
fADCD_S
—
HPF = OFF
—
—
δGROUP
—
Table 29. SDn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max