データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EE80C3 データシート(PDF) 14 Page - STMicroelectronics

部品番号 SPC58EE80C3
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 データシート(HTML) 14 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 10Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 11Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 12Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 13Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 14Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 15Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 16Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 17Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
14/154
DS11646 Rev 4
3
Electrical characteristics
3.1
Introduction
The present document contains the target Electrical Specification for the 40 nm family 32-bit
MCU SPC58xEx products.
In the tables where the device logic provides signals with their respective timing
characteristics, the symbol “CC” (Controller Characteristics) is included in the “Symbol”
column.
In the tables where the external system must provide signals with their respective timing
characteristics to the device, the symbol “SR” (System Requirement) is included in the
“Symbol” column.
The electrical parameters shown in this document are guaranteed by various methods. To
give the customer a better understanding, the classifications listed in Table 3 are used and
the parameters are tagged accordingly in the tables where appropriate.
Table 3. Parameter classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
NOTE: Parameters specified at junction temperature TJ = 165 °C are tested at TJ = 150 °C in
production. Evaluation at higher temperature is performed during Design and Validation
phases.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design validation on a small sample size from typical
devices.
D
Those parameters are derived mainly from simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More