データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EE80C3 データシート(PDF) 12 Page - STMicroelectronics

部品番号 SPC58EE80C3
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 データシート(HTML) 12 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 8Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 9Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 10Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 11Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 12Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 13Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 14Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 15Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 154 page
background image
Introduction
SPC58EEx, SPC58NEx
12/154
DS11646 Rev 4
•
Eighteen LIN and UART communication interface (LINFlexD) modules
–
LINFlexD_0 is a Master/Slave
–
All others are Masters
•
8 MCAN interfaces with advanced shared memory scheme and ISO CAN-FD support,
one supporting time-triggered controller area network (TTCAN)
•
Dual-channel FlexRay controller
•
Two ethernet controllers 10/100 Mbps, compliant IEEE 802.3-2008
–
IEEE 1588-2008 Time stamping (internal 64-bit time stamp)
–
IEEE 802.1AS and IEEE 802.1Qav (AVB-Feature)
–
IEEE 802.1Q VLAN tag detection
–
IPv4 and IPv6 checksum modules
•
Flexible Power Supply options:
–
External Regulators (1.2V core, 3.3V–5V IO)
–
Single internal SMPS regulator (eLQFP176, KGD)
–
Single internal Linear Regulator with external ballast (FPBGA292, KGD)
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with some
support for 2010 standard.
•
Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1)
•
Standby power domain with smart wake-up sequence (LFBGA292, KGD)