データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EE80C3 データシート(PDF) 143 Page - STMicroelectronics

部品番号 SPC58EE80C3
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 データシート(HTML) 143 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 139Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 140Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 141Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 142Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 143Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 144Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 145Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 146Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 154 page
background image
DS11646 Rev 4
143/154
SPC58EEx, SPC58NEx
Ordering information
143
256
256
256
256
PRAMC_2
(STBY)
0x400A8000
0x400E7FFF
64
64
64
64
PRAMC_3
0x400E8000
0x400F7FFF
64
64
64
64
D_MEM
CPU_0
0x50800000
0x5080FFFF
64
64
64
64
D_MEM
CPU_1
0x51800000
0x5180FFFF
32
32
32
32
D_MEM
CPU_2
0x52800000
0x52807FFF
1. RAM size is the sum of TCM and SRAM.
Table 83. RAM options(1) (continued)
SPC58NE84
SPC58EE84 SPC58NE80
SPC58EE80
Type
Start address
End address
768
768
768
768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More