データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADA4255ACPZ-R7 データシート(PDF) 31 Page - Analog Devices

部品番号 ADA4255ACPZ-R7
部品情報  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 データシート(HTML) 31 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 31 of 64
When configured for SCS mode, communication with the ADA4255
and all slave devices follows a predefined pattern. The first CS
pulse is passed to the first GPIOx that is set up for SCS mode, ef-
fectively communicating with the first slave device. Subsequent CS
pulses progress through any GPIOx pins configured for SCS mode
in ascending order. The last CS pulse addresses the ADA4255
itself. This pattern repeats until SCS mode is disabled.
Figure 92 and Figure 93 show the ADA4255 operating in SCS
mode with GPIO0 and GPIO1 communicating with two slave devi-
ces. GPIO0 is connected to the CS line of an ADC, and GPIO1 is
connected to the CS line of a digital-to-analog converter (DAC).
Figure 92. Typical SCS Implementation with Devices Without SDO Tristate Support
Figure 93. Typical SCS Implementation with All Devices Supporting SDO Tristate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64