| データシートサーチシステム |
|
SIM800 データシート(PDF) 41 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 41 Page - SIMCom |
|
41 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 41 2015-08-03 Time Reference V.25ter Note Default 8 = Backspace. 2.2.20 ATS6 Pause Before Blind Dialling ATS6 Pause Before Blind Dialling Read Command ATS6? Response <n> OK Response OK ERROR Write Command ATS6=<n> Parameters <n> 0..999 Time Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note No effect in GSM 2.2.21 ATS7 Set Number of Seconds to Wait for Connection Completion ATS7 Set Number of Seconds to Wait for Connection Completion Response <n> OK Read Command ATS7? Parameters See Write Command Response This parameter setting determines the amount of time to wait for the connection completion in case of answering or originating a call. OK ERROR Write Command ATS7=<n> Parameters <n> 1-60-255 Number of seconds to wait for connection completion Parameter Saving Mode AT&W_SAVE |