| データシートサーチシステム |
|
SIM800 データシート(PDF) 75 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 75 Page - SIMCom |
|
75 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 75 2015-08-03 facility from the MT user interface or with command Change Password +CPWD) <class> 1 Voice (telephony) 2 Data refers to all bearer services; with <mode>=2 this may refer only to some bearer service if TA does not support values 16, 32, 64 and 128) 4 Fax (facsimile services) 7 All classes <status> 0 Not active 1 Active Parameter Saving Mode NO_SAVE Max Response Time 15s Reference 3GPP TS 27.007 [14] Note CME errors if SIM not inserted or PIN is not entered. 3.2.18 AT+CLIP Calling Line Identification Presentation AT+CLIP Calling Line Identification Presentation Response +CLIP: (list of supported <n>s) OK Test Command AT+CLIP=? Parameters See Write Command Response +CLIP: <n>, <m> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CLIP? Parameters See Write Command Response TA enables or disables the presentation of the CLI at the TE. It has no effect on the execution of the supplementary service CLIP in the network. OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CLIP=<n> Parameters <n> 0 Disable +CLIP notification. |