| データシートサーチシステム |
|
SIM800 データシート(PDF) 50 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 50 Page - SIMCom |
|
50 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 50 2015-08-03 Parameters Execution Command AT+GMI TA reports one or more lines of information text which permit the user to identify the manufacturer. SIMCOM_Ltd OK Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note 2.2.35 AT+GMM Request TA Model Identification AT+GMM Request TA Model Identification Test Command AT+GMM=? Response OK TA reports one or more lines of information text which permit the user to identify the specific model of device. <model> OK Execution Command AT+GMM Parameters <model> Product model identification text Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note 2.2.36 AT+GMR Request TA Revision Identification of Software Release AT+GMR Request TA Revision Identification of Software Release Test Command AT+GMR=? Response OK Execution Command TA reports one or more lines of information text which permit the user to identify the revision of software release. |