| データシートサーチシステム |
|
SIM800 データシート(PDF) 89 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 89 Page - SIMCom |
|
89 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 89 2015-08-03 Parameters See Write Command Response TA controls whether or not intermediate result code +CR: <serv> is returned from the TA to the TE at a call set up. OK Parameters <mode> 0 Disable 1 Enable Intermediate result code If enabled, an intermediate result code is transmitted at the point during connect negotiation at which the TA has determined which speed and quality of service will be used, before any error control or data compression reports are transmitted, and before any final result code (e.g. CONNECT) is transmitted. +CR:<serv> Write Command AT+CR=[<mode >] Parameters <serv> ASYNC Asynchronous transparent SYNC Synchronous transparent REL ASYNC Asynchronous non-transparent REL SYNC Synchronous non-transparent GPRS For GPRS Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.31 AT+CRC Set Cellular Result Codes for Incoming Call Indication AT+CRC Set Cellular Result Codes for Incoming Call Indication Response +CRC: (list of supported <mode>s) OK Test Command AT+CRC=? Parameters See Write Command Read Command AT+CRC? Response +CRC: <mode> OK |