| データシートサーチシステム |
|
SIM800 データシート(PDF) 77 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 77 Page - SIMCom |
|
77 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 77 2015-08-03 See Write Command Response +CLIR: <n>, <m> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CLIR? Parameters See Write Command Response TA restricts or enables the presentation of the CLI to the called party when originating a call. The Command overrides the CLIR subscription (default is restricted or allowed) when temporary mode is provisioned as a default adjustment for all following outgoing calls. This adjustment can be revoked by using the opposite Command. OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CLIR=<n> Parameters <n> (parameter sets the adjustment for outgoing calls): 0 Presentation indicator is used according to the subscription of the CLIR service. 1 CLIR invocation 2 CLIR suppression <m> (parameter shows the subscriber CLIR service status in the network): 0 CLIR not provisioned 1 CLIR provisioned in permanent mode 2 Unknown (e.g. no network, etc.) 3 CLIR temporary mode presentation restricted 4 CLIR temporary mode presentation allowed Parameter Saving Mode NO_SAVE Max Response Time 15s Reference Note 3.2.20 AT+CMEE Report Mobile Equipment Error AT+CMEE Report Mobile Equipment Error |