| データシートサーチシステム |
|
SIM800 データシート(PDF) 17 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 17 Page - SIMCom |
|
17 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 17 2015-08-03 6.2.61 AT+CANT Add AT command 6.2.62 AT+CAGCSET Add AT command 7.2.9 AT+CGEREP Modify parameter description and add URC example 8.2.7 AT+CIPSHUT Add Max Response Time 8.2.10 AT+CIICR Add Max Response Time 8.2.21 AT+CIPDPDP Modify parameter’s scope 8.2.26 AT+CIPRXGET Modify parameter options 16.2.1 AT+DDET Add parameter and URC description in write command,add note 17.2.1 AT+CREC Modify note 17.2.2 AT+CRECORD Add AT command 18.2.2 AT+CTTSPARAM Modify note and parameter default value 20.16 AT+DDET Modify AT+DDET example 21.5 AT+CTTSPARAM Add differences of some AT commands 21.6 AT+CHFA Add differences of some AT commands AT+CEXTHS,AT+CEXBUT Delete All Add or modify Parameter Saving Mode and Max Response Time 1.1 Scope of the document Add SIM800G 2.2.28 AT&C Modify parameter format 2.2.32 AT&W Modify parameter stored by &W 2.2.41 AT+IPR Add parameter description 3.2.6 AT+CCWA Modify <status> decription 3.2.24 AT+CPBS Add “FD” phonebook 3.2.46 AT+CALS Add parameter <switch> for playing/stopping tone 5.2.1 AT+STKTRS Modify the length of parameter 6.2.1 AT+SIDET Extend parameter <channel> 6.2.4 AT+CMIC Extend parameter <channel>, add default value description in note 6.2.5 AT+CALA Modify indicate expired alarm 6.2.13 AT+CLDTMF Extend parameter <DTMF string> and add parameter <timeBase>, add the funcion that local DTMF tone can be played in call. 6.2.56 AT+CMICBIAS Add note description 6.2.58 AT+SJDR Modify format error 6.2.63 AT+SD2PCM Add AT command V1.03 2014-03-28 6.2.64 AT+SKPD Add AT command |