| データシートサーチシステム |
|
SIM800 データシート(PDF) 60 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 60 Page - SIMCom |
|
60 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 60 2015-08-03 +CME ERROR: <err> Parameters <mode> 0 Query CCM value 1 Deactivate the unsolicited reporting of CCM value 2 Activate the unsolicited reporting of CCM value <ccm> String type (string should be included in quotation marks); three bytes of the current CCM value in hex-decimal format (e.g. "00001E" indicates decimal value 30); bytes are similarly coded as ACMmax value in the SIM 000000-FFFFFF Execution Command AT+CAOC Response +CAOC: <ccm> OK Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.4 AT+CBST Select Bearer Service Type AT+CBST Select Bearer Service Type Response +CBST: (list of supported <speed>s),(list of supported <name>s),(list of supported <ce>s) OK Test Command AT+CBST=? Parameters See Write Command Response +CBST: <speed>,<name>,<ce> OK Read Command AT+CBST? Parameters See Write Command Response TA selects the bearer service <name> with data rate <speed>, and the connection element <ce> to be used when data calls are originated. OK ERROR Write Command AT+CBST=<spee d>[,<name>[,<ce >]] Parameters |