データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIM800 データシート(PDF) 65 Page - SIMCom

部品番号 SIM800
部品情報  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMCOM [SIMCom]
ホームページ  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 データシート(HTML) 65 Page - SIMCom

Back Button SIM800 Datasheet HTML 61Page - SIMCom SIM800 Datasheet HTML 62Page - SIMCom SIM800 Datasheet HTML 63Page - SIMCom SIM800 Datasheet HTML 64Page - SIMCom SIM800 Datasheet HTML 65Page - SIMCom SIM800 Datasheet HTML 66Page - SIMCom SIM800 Datasheet HTML 67Page - SIMCom SIM800 Datasheet HTML 68Page - SIMCom SIM800 Datasheet HTML 69Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
65
2015-08-03
Parameters
See Write Command
Response
+CEER: <n>
OK
Read Command
AT+CEER?
Parameters
See Write Command
Response
OK
Write Command
AT+CEER=<n>
Parameter
<n>
0 The reason for last call release as text code
1 The reason for last call release as number code
Response
TA returns an extended report of the reason for the last call release.
+CEER: <report>
OK
Parameters
<report>
If AT+CEER=0, return <s>
<s>
a string that represents the Cause
If AT+CEER=1, return
Cause:<c>
<c>
number representing the Cause
Execution
Command
AT+CEER
Parameters
<c>(number)
<s>(string)
0
(No cause)
1
(unassigned (unallocated) number)
3
(no route to destination)
6
(channel unacceptable)
8
(operator determined barring)
16
(normal call clearing)
17
(user busy)
18
(no user responding)
19
(user alerting, no answer)
21
(call rejected)
22
(number changed)
26
(non-selected user clearing)
27
(destination out of order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More