| データシートサーチシステム |
|
SIM800 データシート(PDF) 18 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 18 Page - SIMCom |
|
18 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 18 2015-08-03 6.2.65 AT+SIMTONEX Add AT command 6.2.66 AT+CROAMING Add AT command 6.2.67 AT+CNETSCAN Add AT command 8.2.23 AT+CIPCCFG Modify wait time’s interval 12.2.24 AT+FTPGETTOFS Add AT command 16.2.1 AT+DDET Modify description about <key> parameter, add <ssdet> parameter 17.2.1 AT+CREC Modify <location> and AT+CREC=8 description,add read length limit and AMR support description in note 18.2.3 AT+CTTSRING Add command AT+CTTSRING 20.6 Audio command Add AT+CLDTMF example 20.11 PING Commands Add other device ping to the modem 21.6 AT+CHFA Modify description 21.7 AT+CMIC Add difference desription 21.8 AT+SIDET Add difference desription AT+FCLASS AT+FMI AT+FMM AT+FMR Delete 1.1 Scope of the document Add SIM800W16, SIM840W16, SIM800-WB64, SIM808 2.2.27 ATZ Modify note 2.2.30 AT&F Modify note 2.2.32 AT&W Modify note 3.2.46 AT+CALS Modify <switch> descripton 4.2.8 AT+CNMI Add the " [alpha>], " string 6.2.1 AT+SIDET Modify note 6.2.4 AT+CMIC Modify note 6.2.8 AT+CSNS Modify parameter save mode 6.2.13 AT+CLDTMF Modify note 6.2.17 AT+CBAND Modify note 6.2.18 AT+CHF Modify note 6.2.19 AT+CHFA Modify note 6.2.40 AT+SGPIO Modify note 6.2.41 AT+SPWM Extend the scope of parameter <freq> to "0-100000" 6.2.58 AT+SJDR Modify note V1.04 2014-06-10 6.2.59 AT+CPCMCFG Modify note |