| データシートサーチシステム |
|
SIM800 データシート(PDF) 94 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 94 Page - SIMCom |
|
94 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 94 2015-08-03 OK Response +CSQ: <rssi>,<ber> OK If error is related to ME functionality: +CME ERROR: <err> Execution Command returns received signal strength indication <rssi> and channel bit error rate <ber> from the ME. Test Command returns values supported by the TA. Execution Command AT+CSQ Parameters <rssi> 0 -115 dBm or less 1 -111 dBm 2...30 -110... -54 dBm 31 -52 dBm or greater 99 not known or not detectable <ber> (in percent): 0...7 As RXQUAL values in the table in GSM 05.08 [20] subclause 7.2.4 99 Not known or not detectable Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.36 AT+VTD Tone Duration AT+VTD Tone Duration Response +VTD: (list of supported <n>s) OK Test Command AT+VTD=? Parameters See Write Command Response +VTD: <n> OK Read Command AT+VTD? Parameters |