| データシートサーチシステム |
|
SIM800 データシート(PDF) 58 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 58 Page - SIMCom |
|
58 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 58 2015-08-03 three bytes of the current ACM value in hexa-decimal format (e.g. "00001E" indicates decimal value 30) 000000 – FFFFFF Response TA resets the Advice of Charge related accumulated call meter (ACM) value in SIM file EF (ACM). ACM contains the total number of home units for both the current and preceding calls. OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CACM=<pa sswd> Parameters <passwd> String type (string should be included in quotation marks): SIM PIN2 Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.2 AT+CAMM Accumulated Call Meter Maximum (ACM max) Set or Query AT+CAMM Accumulated Call Meter Maximum(ACM max) Set or Query Test Command AT+CAMM=? Response OK Response TA returns the current value of ACM max. +CAMM: <acmmax> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CAMM? Parameters See Write Command Write Command AT+CAMM=<ac mmax>[,<passwd >] Response TA sets the Advice of Charge related accumulated call meter maximum value in SIM file EF (ACM max). ACM max contains the maximum number of home units allowed to be consumed by the subscriber. OK ERROR If error is related to ME functionality: +CME ERROR: <err> |