| データシートサーチシステム |
|
SIM800 データシート(PDF) 95 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 95 Page - SIMCom |
|
95 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 95 2015-08-03 See Write Command Response This command refers to an integer <n> that defines the length of tones emitted as a result of the +VTS command. This does not affect the D command. OK Write Command AT+VTD=<n> Parameters <n> 1-255 Duration of the tone in 1/10 seconds Parameter Saving Mode AT&W_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.37 AT+VTS DTMF and Tone Generation AT+VTS DTMF and Tone Generation Response +VTS: (list of supported <dtmf>s),(list of supported <duration>s) OK Test Command AT+VTS=? Parameters See Write Command Write Command Generate tone Duration is set by +VTD AT+VTS=<dtmf- string> Response This Command allows the transmission of DTMF tones and arbitrary tones in voice mode. These tones may be used (for example) when announcing the start of a recording period. Note: D is used only for dialing. OK If error is related to ME functionality: +CME ERROR: <err> Note: The Command is writing only. Parameters <dtmf-string> Which has a max length of 20 characters, must be entered between double quotes ("") and consists of combinations of the following separated by commas. But a single character does not require quotes. 1) <dtmf> A single ASCII characters in the set 0-9, #,*, A-D. This is interpreted as a sequence of DTMF tones whose duration is set by the +VTD Command. 2) {<dtmf>, <duration>} This is interpreted as a DTMF tone |