| データシートサーチシステム |
|
SIM800 データシート(PDF) 63 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 63 Page - SIMCom |
|
63 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 63 2015-08-03 1 Active Parameter Saving Mode NO_SAVE Max Response Time 15s Reference 3GPP TS 27.007 Note 3.2.6 AT+CCWA Call Waiting Control AT+CCWA Call Waiting Control Response +CCWA: (list of supported <n>s) OK Test Command AT+CCWA=? Parameters See Write Command Response +CCWA: <n> OK Read Command AT+CCWA? Parameters See Write Command Response TA controls the Call Waiting supplementary service. Activation, deactivation and status query are supported. If <mode>≠2 and Command successful OK If <mode>=2 and Command successful +CCWA: <status>,<class1>[<CR><LF>+CCWA:<status>,<class2>[...]] OK ERROR If error is related to ME functionality: +CME ERROR: <err> Note: <status>=0 should be returned only if service is not active for any <class> i.e. +CCWA: 0, 7 will be returned in this case. When mode=2, all active call waiting classes will be reported. In this mode the Command is aborted by pressing any key. Write Command AT+CCWA=<n>[, <mode>[,<class>]] Parameters <n> 0 Disable presentation of an unsolicited result code |