| データシートサーチシステム |
|
SIM800 データシート(PDF) 38 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 38 Page - SIMCom |
|
38 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 38 2015-08-03 Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note No effect in GSM 2.2.15 ATQ Set Result Code Presentation Mode ATQ Set Result Code Presentation Mode Response This parameter setting determines whether or not the TA transmits any result code to the TE. Information text transmitted in response is not affected by this setting. If <n>=0: OK If <n>=1: (none) Execution Command ATQ<n> Parameters <n> 0 TA transmits result code 1 Result codes are suppressed and not transmitted Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note 2.2.16 ATS0 Set Number of Rings before Automatically Answering the Call ATS0 Set Number of Rings before Automatically Answering the Call Response <n> OK Read Command ATS0? Parameters See Write Command Response This parameter setting determines the number of rings before auto-answer. OK ERROR Write Command ATS0=<n> Parameters |