データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIM800 データシート(PDF) 31 Page - SIMCom

部品番号 SIM800
部品情報  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMCOM [SIMCom]
ホームページ  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 データシート(HTML) 31 Page - SIMCom

Back Button SIM800 Datasheet HTML 27Page - SIMCom SIM800 Datasheet HTML 28Page - SIMCom SIM800 Datasheet HTML 29Page - SIMCom SIM800 Datasheet HTML 30Page - SIMCom SIM800 Datasheet HTML 31Page - SIMCom SIM800 Datasheet HTML 32Page - SIMCom SIM800 Datasheet HTML 33Page - SIMCom SIM800 Datasheet HTML 34Page - SIMCom SIM800 Datasheet HTML 35Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
31
2015-08-03
The current states of all calls can be easily checked at any time by using the
AT+CLCC Command.
2.2.4 ATD><n>
Originate Call to Phone Number in Current Memory
ATD><n>
Originate Call to Phone Number in Current Memory
Response
This Command can be used to dial a phone number from current phonebook
memory.
Note: This Command may be aborted generally by receiving an ATH
Command or a character during execution. The aborting is not possible
during some states of connection establishment such as handshaking.
If error is related to ME functionality
+CME ERROR: <err>
If no dial tone and (parameter setting ATX2 or ATX4)
NO DIALTONE
If busy and (parameter setting ATX3 or ATX4)
BUSY
If a connection cannot be established
NO CARRIER
If the remote station does not answer
NO ANSWER
If connection successful and non-voice call.
CONNECT<text> TA switches to data mode.
Note: <text> output only if ATX<value> parameter setting with the
<value> >0
When TA returns to Command mode after call release
OK
If successfully connected and voice call
OK
Execution
Command
ATD><n>[<clir>
][<cug>][;]
Parameters
<n> Integer type memory location should be in the range of locations
available in the memory used
<mgsm>
String of GSM modifiers:
<clir>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More