| データシートサーチシステム |
|
SIM800 データシート(PDF) 98 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 98 Page - SIMCom |
|
98 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 98 2015-08-03 OK If error is related to ME functionality: +CME ERROR: <err> Parameters <alphax> Optional alphanumeric string associated with <numberx>; used character set should be the one selected with Command Select TE Character Set +CSCS <numberx> String type (string should be included in quotation marks) phone number of format specified by <typex> <typex> Type of address octet in integer format (refer GSM04.08[8] subclause 10.5.4.7) <speed> As defined by the +CBST Command <service> (service related to the phone number:) 0 Asynchronous modem 1 Synchronous modem 2 PAD Access (asynchronous) 3 Packet Access (synchronous) 4 Voice 5 Fax Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.40 AT+CPOL Preferred Operator List AT+CPOL Preferred Operator List Response +CPOL: (list of supported <index>s),(list of supported <format>s) OK Test Command AT+CPOL=? Parameters See Write Command Read Command AT+CPOL? Response +CPOL: <index1>,<format>,<oper1> [<CR><LF>+CPOL: <index2>,<format>,<oper2>[…]] OK If error is related to ME functionality: +CME ERROR: <err> |