| データシートサーチシステム |
|
SIM800 データシート(PDF) 69 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 69 Page - SIMCom |
|
69 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 69 2015-08-03 Time Reference 3GPP TS 27.007 [13] Note 3.2.12 AT+CSCS Select TE Character Set AT+CSCS Select TE Character Set Response +CSCS: (list of supported <chset>s) OK Test Command AT+CSCS=? Parameters <chset> "GSM" GSM 7 bit default alphabet (3GPP TS 23.038); "UCS2" 16-bit universal multiple-octet coded character set (ISO/IEC10646); UCS2 character strings are converted to hexadecimal numbers from 0000 to FFFF; e.g. "004100620063" equals three 16-bit characters with decimal values 65, 98 and 99 "IRA" International reference alphabet (ITU-T T.50) "HEX" Character strings consist only of hexadecimal bers from 00 to FF; "PCCP" PC character set Code "PCDN" PC Danish/Norwegian character set "8859-1" ISO 8859 Latin 1 character set Response +CSCS: <chset> OK Read Command AT+CSCS? Parameters See Test Command Response Sets which character set <chset> are used by the TE. The TA can then convert character strings correctly between the TE and ME character sets. OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CSCS=<chse t> Parameters See Test Command Parameter Saving Mode AT&W_SAVE Max Response Time - |