| データシートサーチシステム |
|
SIM800 データシート(PDF) 70 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 70 Page - SIMCom |
|
70 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 70 2015-08-03 Reference 3GPP TS 27.007 [13] Note 3.2.13 AT+CSTA Select Type of Address AT+CSTA Select Type of Address Response +CSTA: (list of supported <type>s) OK Test Command AT+CSTA=? Parameters See Write Command Response +CSTA: <type> OK Read Command AT+CSTA? Parameter <type> Current address type setting. Response OK If <type> is not in the parameter range: ERROR Write Command AT+CSTA=<type > Parameters <type> Type of address octet in integer format; 129 Unknown type 161 National number type 145 International number type 177 Network specific number Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note The ATD Command overrides this setting when a number is dialed. 3.2.14 AT+CHLD Call Hold and Multiparty AT+CHLD Call Hold and Multiparty Test Command AT+CHLD=? Response +CHLD: (list of supported <n>s) |