| データシートサーチシステム |
|
SIM800 データシート(PDF) 42 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 42 Page - SIMCom |
|
42 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 42 2015-08-03 Max Response Time - Reference V.25ter Note If called party has specified a high value for ATS0=<n>, call setup may fail. The correlation between ATS7 and ATS0 is important Example: Call may fail if ATS7=30 and ATS0=20. ATS7 is only applicable to data call. 2.2.22 ATS8 Set Number of Seconds to Wait for Comma Dial Modifier Encountered in Dial String of D Command ATS8 Set Number of Seconds to Wait for Comma Dial Modifier Encountered in Dial String of D Command Response <n> OK Read Command ATS8? Parameters See Write Command Response OK ERROR Write Command ATS8=<n> Parameters <n> 0-255 The value of this register determines how long the modem should pause when it sees a comma in the dialing string. Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note No effect in GSM 2.2.23 ATS10 Set Disconnect Delay after Indicating the Absence of Data Carrier ATS10 Set Disconnect Delay after Indicating the Absence of Data Carrier Response <n> OK Read Command ATS10? Parameters See Write Command Write Command ATS10=<n> Response This parameter setting determines the amount of time that the TA will |