| データシートサーチシステム |
|
SIM800 データシート(PDF) 46 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 46 Page - SIMCom |
|
46 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 46 2015-08-03 OK ERROR Parameters <value> 0 DCD line is always ON 1 DCD line is ON only in the presence of data carrier Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note 2.2.29 AT&D Set DTR Function Mode AT&D Set DTR Function Mode Response This parameter determines how the TA responds when circuit 108/2 (DTR) is changed from the ON to the OFF condition during data mode. OK ERROR Execution Command AT&D[<value>] Parameters <value> 0 TA ignores status on DTR. 1 ON->OFF on DTR: Change to Command mode with remaining the connected call. 2 ON->OFF on DTR: Disconnect call, change to Command mode. During state DTR = OFF is auto-answer off. Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note 2.2.30 AT&F Factory Defined Configuration AT&F Factory Defined Configuration Response TA sets all current parameters to the manufacturer defined profile. OK Execution Command AT&F[<value>] Parameters <value> 0 Set all TA parameters to manufacturer defaults. |