| データシートサーチシステム |
|
SIM800 データシート(PDF) 80 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 80 Page - SIMCom |
|
80 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 80 2015-08-03 alphanumeric representation of <number> corresponding to the entry found in phone book. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 3.2.22 AT+COPS Operator Selection AT+COPS Operator Selection Response TA returns a list of quadruplets, each representing an operator present in the network. Any of the formats may be unavailable and should then be an empty field. The list of operators shall be in order: home network, networks referenced in SIM, and other networks. +COPS: (list of supported<stat>,long alphanumeric<oper>,short alphanumeric<oper>,numeric <oper>)s[,,(list of supported <mode>s), (list of supported <format>s)] OK If error is related to ME functionality: +CME ERROR: <err> Test Command AT+COPS=? Parameters See Write Command Response TA returns the current mode and the currently selected operator. If no operator is selected, <format> and <oper> are omitted. +COPS: <mode>[,<format>, <oper>] OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+COPS? Parameters See Write Command Write Command AT+COPS=<mo de>,[<format>[,< oper>]] Response TA forces an attempt to select and register the GSM network operator. If the selected operator is not available, no other operator shall be selected (except <mode>=4). The selected operator name format shall apply to further read commands (+COPS?). |