| データシートサーチシステム |
|
SIM800 データシート(PDF) 93 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 93 Page - SIMCom |
|
93 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 93 2015-08-03 Response +CRSM: <sw1>, <sw2>[,<response>] OK ERROR If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CRSM=<Co mmand>[,<fileId >[,<P1>,<P2>,<P 3>[,<data>]]] Parameters <Command> 176 READ BINARY 178 READ RECORD 192 GET RESPONSE 214 UPDATE BINARY 220 UPDATE RECORD 242 STATUS All other values are reserved; refer GSM 11.11. <fileId> Integer type; this is the identifier for an elementary data file on SIM. Mandatory for every Command except STATUS <P1>,<P2>,<P3> Integer type, range 0 – 255 Parameters to be passed on by the ME to the SIM; refer GSM 11.11. <data> Information which shall be written to the SIM (hex-decimal character format) <sw1>, <sw2> Integer type, range 0 - 255 Status information from the SIM about the execution of the actual Command. These parameters are delivered to the TE in both cases, on successful or failed execution of the Command; refer GSM 11.11. <response> Response of a successful completion of the Command previously issued (hexadecimal character format) Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 GSM 11.11 Note 3.2.35 AT+CSQ Signal Quality Report AT+CSQ Signal Quality Report Test Command AT+CSQ=? Response +CSQ: (list of supported <rssi>s),(list of supported <ber>s) |