| データシートサーチシステム |
|
SIM800 データシート(PDF) 92 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 92 Page - SIMCom |
|
92 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 92 2015-08-03 3.2.33 AT+CRLP Select Radio Link Protocol Parameters AT+CRLP Select Radio Link Protocol Parameters Response TA returns values supported. RLP versions 0 and 1 share the same parameter set. +CRLP: (list of supported <iws>s),(list of supported <mws>s),(list of supported <T1>s),(list of supported <N2>s),(list of supported <T4>s) OK Test Command AT+CRLP=? Parameters See Write Command Response TA returns current settings for RLP version. RLP versions 0 and 1 share the same parameter set. +CRLP: <iws>,<mws>,<T1>,<N2>,<T4> OK Read Command AT+CRLP? Parameters See Write Command Response TA sets radio link protocol (RLP) parameters used when non-transparent data calls are setup. OK Write Command AT+CRLP=<iws >[,<mws>[,<T1>[ ,<N2>[,<T4>]]]] Parameters <iws> 0-61 Interworking window size (IWF to MS) <mws> 0-61 Mobile window size(MS to IWF) <T1> 44-255 Acknowledgment timer T1 in 10 ms units <N2> 1-255 Retransmission attempts N2 <T4> 7 Re-sequencing period in integer format, in units of 10 ms. Parameter Saving Mode AT&W_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Simcom redefine param`s value range 3.2.34 AT+CRSM Restricted SIM Access AT+CRSM Restricted SIM Access Test Command AT+CRSM=? Response OK |